Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77533PWPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77533PWPR
Description  FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77533PWPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS77533PWPR Datasheet HTML 10Page - Texas Instruments TPS77533PWPR Datasheet HTML 11Page - Texas Instruments TPS77533PWPR Datasheet HTML 12Page - Texas Instruments TPS77533PWPR Datasheet HTML 13Page - Texas Instruments TPS77533PWPR Datasheet HTML 14Page - Texas Instruments TPS77533PWPR Datasheet HTML 15Page - Texas Instruments TPS77533PWPR Datasheet HTML 16Page - Texas Instruments TPS77533PWPR Datasheet HTML 17Page - Texas Instruments TPS77533PWPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
www.ti.com
Programming the TPS77x01 Adjustable LDO Regulator
V
=V
x(1+)
OUT
ref
R
R
1
2
(1)
V
V
OUT
ref
1)xR
-
2
R =(
1
(2)
IN
EN
GND
FB/NC
OUT
RESET/
PG
RESET orPGOutput
V
OUT
V
IN
0.1 F
m
250kW
TPS77x01
C
OUT
R
1
R
2
> 1.7V
< 0.9V
OUTPUTVOLTAGE
PROGRAMMINGGUIDE
R
1
R
2
UNIT
OUTPUT
VOLTAGE
2.5V
3.3V
3.6V
4.75V
121
196
226
332
110
110
110
110
kW
kW
kW
kW
Reset Indicator
Power-Good Indicator
TPS775xx, TPS776xx
SLVS232I – SEPTEMBER 1999 – REVISED AUGUST 2007
APPLICATION INFORMATION (continued)
The output voltage of the TPS77x01 adjustable regulator is programmed using an external resistor divider as
shown in Figure 25. The output voltage is calculated using Equation 1:
Where:
• V
ref = 1.1834V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 10μA divider current. Lower value resistors can be
used, but offer no inherent advantage and waste more power. Higher values should be avoided as leakage
currents at FB increase the output voltage error. The recommended design procedure is to choose R2 = 110kΩ
to set the divider current at approximately 10
μA and then calculate R1 using Equation 2:
Figure 25. TPS77x01 Adjustable LDO Regulator Programming
The TPS775xx features a RESET output that can be used to monitor the status of the regulator. The internal
comparator monitors the output voltage: when the output drops to between 92% and 98% of its nominal
regulated value, the RESET output transistor turns on, taking the signal low. The open-drain output requires a
pullup resistor. If not used, it can be left floating. RESET can be used to drive power-on reset circuitry or as a
low-battery indicator. RESET does not assert itself when the regulated output voltage falls outside the specified
2% tolerance, but instead reports an output voltage low relative to its nominal regulated value (refer to Timing
Diagram for start-up sequence).
The TPS776xx features a power-good (PG) output that can be used to monitor the status of the regulator. The
internal comparator monitors the output voltage: when the output drops to between 92% and 98% of its nominal
regulated value, the PG output transistor turns on, taking the signal low. The open-drain output requires a pullup
resistor. If not used, it can be left floating. PG can be used to drive power-on reset circuitry or used as a
low-battery indicator.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com