Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7660 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7660
Description  CMOS Switched-Capacitor Voltage Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7660 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7660 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Assignment
Pin Description
Pin No. Pin Name I/O
Internal
Connection
Description
1
BOOST
I
CMOS Pull-low
Higher switching frequency selection input
2
CAP+
O
CMOS
This pin is connected to the positive terminal of Capacitor C1 for a
charge pump
3
VSS
¾¾
Negative power supply, ground
4
CAP
-
O
NMOS
This pin is connected to the negative terminal of Capacitor C1 for a
charge pump
5
VOUT
O
NMOS
This pin is connected to the negative terminal of Capacitor C2 for
charge reservoir. Output voltage pass through this pin
6LV
I
¾
Floating this pin enables the voltage regulator. Connect this pin to
VSS (Ground) to bypass voltage regulator and improve low voltage
operation
7
OSC
I/O Transmission Gate
External clock input pin. This pin can be connected with an external
capacitor to reduce switching frequency
8
VDD
¾¾
Positive power supply
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+13V
Operating Temperature...........................
-40°Cto85°C
Storage Temperature ............................
-50°Cto125°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
3
¾
12
V
ISTB
Standby Current
3V
No load
¾
26
100
mA
5V
¾
80
160
fOSC
System Frequency
3V
¾
2.5
4
¾
kHz
5V
5
10
¾
ROUT
Output Source Resistance
3V
IOUT=10mA
¾
97
150
W
5V
IOUT=20mA
¾
60
100
VCON-EFF
Voltage Conversion Efficiency
3V
No load
99
¾¾
%
5V
99
99.9
¾
PEFF
Power Efficiency
3V
RL=5k
W
96
¾¾
%
5V
96
98
¾
HT7660
Rev. 1.10
2
January 21, 2003
1
2
3
4
8
7
6
5
B O O S T
C A P +
V S S
C A P -
V D D
O S C
L V
V O U T
H T 7 6 6 0
8 D I P - A / S O P - A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com