Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7660 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7660
Description  CMOS Switched-Capacitor Voltage Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7660 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7660 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Application Circuits
Simple Negative Voltage Converter
Simple Voltage Multiplier
HT7660
Rev. 1.10
3
January 21, 2003
Functional Description
HT7660 needs only two external polarized electrolytic
capacitors to complete a negative voltage converter.
HT7660 has four MOS power switches: S1, S2, S3 and
S4. For the first half cycle, when S2 and S4 are open,
Capacitor C1 is charged to a voltage VDD through S1
and S3. During the second half cycle, when S1 and S3
are open, the charge on Capacitor C1 is shifted to Ca-
pacitor C2 through S2 and S4. Thereby, the voltage
across Capacitor C2 is VDD. Because the positive termi-
nal of C2 is connected to VSS, we get a
-VDD voltage at
VOUT pin.
For high voltage operation, the LV pin is left floating to
enable the voltage regulator. This can reduce the cur-
rent consumption of the RC oscillator, and thus get a
fixed switching frequency fOSC with high voltage range.
For low voltage operation, the LV pin is connected to
VSS to bypass the voltage regulator of which inherent
voltage drop can degrade the operation at low voltages.
A capacitor may be connected between VDD and pin
OSC to lower the switching fOSC, and an external clock
may be added to replace the built-in RC oscillator.
V D D
V S S
S 1
C 2
S 3
C A P +
C A P -
S 4
V S S
V O U T = - V D D
C 1
S 2
The operating mode of HT7660
B O O S T
V D D
1
C A P +
V S S
C A P -
2
3
4
H T 7 6 6 0
V D D
V D D
8
L V
6
1 0 m .
1 0 m .
5
V O U T = - V D D
V O U T
C A P +
C A P -
2
3
4
H T 7 6 6 0
V D D
V D D
8
1 0 m .
5
C A P +
C A P -
2
3
4
H T 7 6 6 0
V D D
8
1 0 m .
5
V O U T
1 0 m .
V O U T = - 2 V D D
1 0 m .
V O U T
V S S
V S S



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com