Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16561 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT16561
Description  VFD Digital Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16561 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT16561 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HT16561
Rev. 1.00
5
February 7, 2007
Functional Description
VFD Display Driving
The device can directly drive VFD clock panels dynami-
cally. The clock will be displayed in a 12-hour format with
the hours ranging from 1 to 12 and and minutes from 00
to 59. If the most significant numeral is zero then the dis-
play will be extinguished.
· Segment connections
A 7-segment display is shown below showing the illu-
mination pattern for each numeral.
As the device is designed for clock applications, four
7-segment displays are required to display the correct
time output. The connections for the segments are
shown below, however it should be noted that the
fourth segment only requires two of its segments to be
driven.
Other Pin Functions
The external reset pin A/C is used to reset the internal
circuit of the device. When this pin is pulled low the de-
vice will be reset, when the pin is allowed to go high, via
its internal pull-high resistor, then the display will indi-
cate a
²1:00² output.
In the open status, the SE pin is held to
²high² level by a
pull-high resistor, enabling the inputs from MS, HS and
ZA pins. These inputs become invalid by setting this pin
to a
²low² level externally.
The 64Hz pin allows monitoring of the system frequency
to allow frequency adjustments to be executed. As the
name suggests, this output pin will continuously output
a frequency of 64Hz.
In the open status, the TEST1 and TEST2 pins are kept
at a
²0² level by pull-down resistors.
In the open status, the TEST3 and TEST4 pins are kept
at a
²1² level by pull-up resistors.
The Test pin function is as shown in the following table.

7 - S e g m e n t s
A
B
C
D
E
F
G
d i g i t 4
d i g i t 3
d i g i t 2
d i g i t 1
1 H z
1 H z
a 2
b 2
c 2
d 2
e 2
f 2
g 2
a 1
b 1
c 1
d 1
e 1
f 1
g 1
a 3
b 3
c 3
d 3
e 3
f 3
g 3
b 4
c 4
A M
P M
TEST select function 1
Switch Pin Name
Operating mode
TEST1
TEST2
TEST3
0
(or Open)
0
(or Open)
1
(or Open)
Normal function
F(Pulse)
1
1
(or Open)
Input pulses to the 16.384KHz system of the circuit.
1
F(Pulse)
1
(or Open)
Input pulses to the 16.384KHz system of the circuit.
1
F(Pulse)
0
Input pulses to the 64Hz system of the circuit.
F(Pulse)
1
0
Input pulses to the 64Hz system of the circuit.
F(Pulse)
0
(or Open)
0
Input pulses for the minute and hour counters, which advances 1 count
with 1 pulse. No carry functions for hour and minute counters.
TEST select function 2
Switch Pin Name
Operating mode
TEST3
DIM
CONT1
CONT2
0
F(Pulse)
**
The pulse widths of the all segment outputs are controlled
by the pulse width of the DIM signal
0
0
*
*
Sets all segment outputs to high impedance
Note:
²*² Indicates that the input level can be ²0² and ²1²



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com