Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16561 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT16561
Description  VFD Digital Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16561 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT16561 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16561 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HT16561
VFD Digital Clock
Block Diagram
Rev. 1.00
1
February 7, 2007
Features
· VFD display 12 hour clock function
· 4.194304MHz crystal oscillation
· Zero adjust function
· Integrated voltage regulator permits wide 4V to 16V
operating voltage range
· Four level contrast control function
· 44-pin QFP package
General Description
The HT16561 provides direct drive to VFD panels to im-
plement a 12 hour clock function. In addition to obtaining
its time base from a 4.194304MHz crystal oscillation
source and in having a wide operating voltage, the de-
vice also contains a host of other features. These in-
clude a choice of adjustment modes, including single
push increment or 2Hz fast forward functions. Additional
features are provided in the form of Zero adjustment and
four levels of contrast control.
O s c i l l a t o r
O S C I
O S C O
V D D
T e s t
A d j u s t m e n t
T E S T 3
T E S T 2
T E S T 1
V D D
V D D
A / C
S E
Z A
M S
H S
C o n t r a s t
A d j u s t m e n t
V D D
C O N T 2
C O N T 1
D I M
V D D
T E S T 4
F r e q u e n c y D i v i d e r s
6 4 H z
1 H z
S e c o n d C o u n t e r
( 1 / 6 0 )
M i n u t e C o u n t e r
( 1 / 6 0 )
H o u r C o u n t e r
( 1 / 1 2 )
D e c o d e r
S e g m e n t
A M / P M
D e c o d e r
S e g m e n t
C M O S
1 H z
a 1
b 1
c 1
g 3
b 4
c 4
A M
P M


Similar Part No. - HT16561

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16561 HOLTEK-HT16561_12 Datasheet
145Kb / 9P
VFD Digital Clock
More results

Similar Description - HT16561

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1210 OKI-MSC1210 Datasheet
141Kb / 11P
Clock For 1/2 Duty VFD
logo
Holtek Semiconductor In...
HT16562 HOLTEK-HT16562 Datasheet
130Kb / 8P
1/2 Duty VFD Digital Clock
March 28, 2007
HT16565 HOLTEK-HT16565 Datasheet
136Kb / 9P
24 Hour System VFD Digital Clock
February 7, 2007
HT16566 HOLTEK-HT16566 Datasheet
130Kb / 8P
1/2 Duty VFD Digital Clock
March 28, 2007
HT16562 HOLTEK-HT16562_10 Datasheet
97Kb / 8P
1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_10 Datasheet
96Kb / 8P
1/2 Duty VFD Digital Clock
HT16561 HOLTEK-HT16561_12 Datasheet
145Kb / 9P
VFD Digital Clock
HT16562 HOLTEK-HT16562_12 Datasheet
141Kb / 8P
1/2 Duty VFD Digital Clock
HT16565 HOLTEK-HT16565_12 Datasheet
128Kb / 9P
24 Hour System VFD Digital Clock
HT16566 HOLTEK-HT16566_12 Datasheet
141Kb / 8P
1/2 Duty VFD Digital Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com