Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8152BMA Datasheet(PDF) 39 Page - Pericom Semiconductor Corporation

Part # PI7C8152BMA
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152BMA Datasheet(HTML) 39 Page - Pericom Semiconductor Corporation

Back Button PI7C8152BMA Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 43Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 39 of 90
October 16, 2003 – Revision 1.11
When the ISA enable bit is set, PI7C8152x does not forward downstream any I/O
transactions addressing the top 768 bytes of each aligned 1KB block. Only those
transactions addressing the bottom 256 bytes of an aligned 1KB block inside the base and
limit I/O address range are forwarded downstream. Transactions above the 64KB I/O
address boundary are forwarded as defined by the address range defined by the I/O base
and limit registers.
Accordingly, if the ISA enable bit is set, PI7C8152x forwards upstream those I/O
transactions addressing the top 768 bytes of each aligned 1KB block within the first 64KB
of I/O space. The master enable bit in the command configuration register must also be set
to enable upstream forwarding. All other I/O transactions initiated on the secondary bus are
forwarded upstream only if they fall outside the I/O address range.
When the ISA enable bit is set, devices downstream of PI7C8152x can have I/O space
mapped into the first 256 bytes of each 1KB chunk below the 64KB boundary, or anywhere
in I/O space above the 64KB boundary.
4.3
MEMORY ADDRESS DECODING
PI7C8152x has three mechanisms for defining memory address ranges for forwarding of
memory transactions:
!
Memory-mapped I/O base and limit address registers
!
Prefetchable memory base and limit address registers
!
VGA mode
This section describes the first two mechanisms. Section 4.4.1 describes VGA mode. To
enable downstream forwarding of memory transactions, the memory enable bit must be set
in the command register in configuration space. To enable upstream forwarding of memory
transactions, the master-enable bit must be set in the command register. The master-enable
bit also allows upstream forwarding of I/O transactions if it is set.
CAUTION
If any configuration state affecting memory transaction forwarding is changed by a
configuration write operation on the primary bus at the same time that memory
transactions are ongoing on the secondary bus, response to the secondary bus memory
transactions is not predictable. Configure the memory-mapped I/O base and limit address
registers, prefetchable memory base and limit address registers, and VGA mode bit before
setting the memory enable and master enable bits, and change them subsequently only
when the primary and secondary PCI buses are idle.
4.3.1
MEMORY-MAPPED I/O BASE AND LIMIT ADDRESS REGISTERS
Memory-mapped I/O is also referred to as non-prefetchable memory. Memory addresses
that cannot automatically be pre-fetched but that can be conditionally pre-fetched based on
command type should be mapped into this space. Read transactions to non-prefetchable
space may exhibit side effects; this space may have non-memory-like behavior. PI7C8152x
prefetches in this space only if the memory read line or memory read multiple commands
are used; transactions using the memory read command are limited to a single data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com