Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8152BMA Datasheet(PDF) 77 Page - Pericom Semiconductor Corporation

Part # PI7C8152BMA
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152BMA Datasheet(HTML) 77 Page - Pericom Semiconductor Corporation

Back Button PI7C8152BMA Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C8152BMA Datasheet HTML 81Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 77 of 90
October 16, 2003 – Revision 1.11
Bit
Function
Type
Description
1
Memory Write
Disconnect
Control
R/W
Controls when the bridge (as a target) disconnects memory write
transactions.
0: memory write disconnects at 4KB aligned address boundary
1: memory write disconnects at cache line aligned address boundary
Reset to 0
3:2
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0.
4
Secondary Bus
Prefetch Disable
R/W
Controls the bridge’s ability to prefetch during upstream memory
read transactions
0: PI7C8152x prefetches and does not forward byte enable bits
during upstream memory read transactions.
1: PI7C8152x requests only 1 DWORD from the target and forwards
read byte enable bits during upstream memory reads.
Reset to 0
7:5
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
8
Chip Reset
R/WR
Controls the chip and secondary bus reset.
0: PI7C8152x is ready for operation
1: Causes PI7C8152x to perform a chip reset. Data buffers,
configuration registers, and both primary and secondary are reset to
their initial states. PI7C8152x clears this bit once chip reset is
complete. PI7C8152x can then be reconfigured.
9
Test Mode 1
R/W
Controls the ability to test PI7C8152x’s behavior
0: minimum of 8 free space in data FIFO to accept memory burst
writes
1: minimum of 1 free space in data FIFO to accept memory burst
writes
Reset to 0
11:10
Test Mode 2
R/W
Controls the ability to test PI7C8152x’s behavior
00: enable out of order transactions between all 4 DTR requests
01: accept 3 DTR requests at a time and they may be out of order
10: only the 2 DTR requests at the top of the 2 FIFO’s may be out of
order
11: no out of order transactions supported between DTR requests
Reset to 00
12
Test Mode 3
R/W
Controls the ability to test PI7C8152x’s behavior
0: 4 memory write transactions can be accepted at a time
1: 2 memory write transactions can be accepted at a time
Reset to 0
15:13
Reserved
R/O
Reserved. Returns 000 when read. Reset to 000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com