Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CONECTOR-USBMICRO-SMD Datasheet(PDF) 1 Page - AG Electronica

Part # CONECTOR-USBMICRO-SMD
Description  Conector Micro-USB SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

CONECTOR-USBMICRO-SMD Datasheet(HTML) 1 Page - AG Electronica

  CONECTOR-USBMICRO-SMD Datasheet HTML 1Page - AG Electronica CONECTOR-USBMICRO-SMD Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Conector Micro-USB SMD
Número de parte: CONECTOR-USBMICRO-SMD
Descripción:
Conector Micro-USB para montaje superficial.
Especificaciones Técnicas:
Durabilidad (ciclos de inserción máx.)
10000
Inflamabilidad
94V-0
Materiales
Metal Aleación de cobre
Materiales
Resina termoplástica de alta temperatura
Peso neto
0.247 / g
Orientación
Ángulo recto
Montaje de superficie Compatible (SMC)
Sí
Rango de temperatura
Funcionamiento -30 ° C a + 85 ° C
Interfaz de terminación:
Estilo de montaje en superficie
Impermeable / a prueba de polvo
No
Corriente
Máximo por contacto 1.8A, 1.0A
Conexión a tierra a Panel
Sí
Blindado
Sí
Voltaje
Máximo 30V AC (RMS)


Similar Part No. - CONECTOR-USBMICRO-SMD

ManufacturerPart #DatasheetDescription
logo
AG Electronica
CONECTOR-USBMINI-SMD AGELECTRONICA-CONECTOR-USBMINI-SMD Datasheet
410Kb / 1P
Conector Mini-USB SMD
09/10/2015
More results

Similar Description - CONECTOR-USBMICRO-SMD

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47346-0001 MOLEX-47346-0001 Datasheet
115Kb / 2P
Micro-USB
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
FB10S0 JAE 0.3mm PITCH FPC CONECTOR
logo
Adam Technologies, Inc.
MCR-B-S-RA-SMT-TR ADAM-TECH-MCR-B-S-RA-SMT-TR Datasheet
100Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-INV-TR ADAM-TECH-MCR-B-S-RA-TSMT-INV-TR Datasheet
94Kb / 1P
MICRO USB TYPE B
logo
Glenair, Inc.
240-838A GLENAIR-240-838A Datasheet
100Kb / 2P
Conector Adapter
logo
List of Unclassifed Man...
80140043 ETC2-80140043 Datasheet
419Kb / 2P
Micro-USB connector
logo
TE Connectivity Ltd
408-78009 TEC-408-78009 Datasheet
379Kb / 6P
MICRO USB CONNECTOR
logo
Pulse A Technitrol Comp...
E8110-030-01 PULSE-E8110-030-01 Datasheet
159Kb / 2P
USB 3.0 MICRO BF SMD TYPE
logo
Maxim Integrated Produc...
MAX22192 MAXIM-MAX22192 Datasheet
4Mb / 29P
Micro-USB Cable
Rev 1; 3/19
logo
HARTING Technology Grou...
09-03-264-6855 HARTING-09-03-264-6855 Datasheet
724Kb / 4P
CONECTOR DIN 64 FEMEA 2,9C1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com