Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CONECTOR-USBTIPOB-SMD Datasheet(PDF) 1 Page - AG Electronica

Part # CONECTOR-USBTIPOB-SMD
Description  CONECTOR USB HEMBRA TIPO B SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

CONECTOR-USBTIPOB-SMD Datasheet(HTML) 1 Page - AG Electronica

  CONECTOR-USBTIPOB-SMD Datasheet HTML 1Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.agelectronica.com
CONECTOR USB HEMBRA TIPO B SMD
Número De Parte: CONECTOR-USBTIPOB-SMD
Descripción:
Conector USB hembra tipo B de montaje superficial, ideal para montar en cualquier PCB.
Descripción: CONECTOR USB HEMBRA TIPO B SMD
http://www.agelectronica.com/
AG Electrónica S.A. de C.V.
República del Salvador N° 20 Segundo Piso
Teléfono: 5130 - 7210
Acotación:
NA
Tolerancia:
NA
Tolerancia:
NA
Escala
Fecha:
08/10/2015
Rev 1.
Rev 1.EAE
Rev 2.
Número de parte:
CONECTOR-USBTIPOB-SMD
NA


Similar Part No. - CONECTOR-USBTIPOB-SMD

ManufacturerPart #DatasheetDescription
logo
AG Electronica
CONECTOR-USBTIPOA-SMD AGELECTRONICA-CONECTOR-USBTIPOA-SMD Datasheet
739Kb / 1P
CONECTOR USB TIPO A SMD MACHO
09/05/2018
More results

Similar Description - CONECTOR-USBTIPOB-SMD

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023009-01M QUALTEK-3023009-01M Datasheet
557Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
3023021-02M QUALTEK-3023021-02M Datasheet
556Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
logo
Assmann Electronics Inc...
A-USB-1-R ASSMANN-A-USB-1-R Datasheet
213Kb / 1P
USB B FEMALE
A-USB-2 ASSMANN-A-USB-2 Datasheet
42Kb / 1P
USB A FEMALE-USB B MALE
A-USB-3 ASSMANN-A-USB-3 Datasheet
41Kb / 1P
USB A MALE-USB B FEMALE
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
USB B - USB A ADAPTER
logo
Glenair, Inc.
240-838A GLENAIR-240-838A Datasheet
100Kb / 2P
Conector Adapter
logo
Wurth Elektronik GmbH &...
62910416121 WURTH-62910416121 Datasheet
452Kb / 2P
USB 2.0 B FEMALE RIGHT ANGLE SMD TYPE
629104142721 WURTH-629104142721 Datasheet
604Kb / 1P
USB 2.0 B FEMALE VERTICAL SMD TYPE
logo
HARTING Technology Grou...
09-03-264-6855 HARTING-09-03-264-6855 Datasheet
724Kb / 4P
CONECTOR DIN 64 FEMEA 2,9C1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com