Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6727TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6727TR
Description  Single phase PWM controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6727TR Datasheet HTML 3Page - STMicroelectronics L6727TR Datasheet HTML 4Page - STMicroelectronics L6727TR Datasheet HTML 5Page - STMicroelectronics L6727TR Datasheet HTML 6Page - STMicroelectronics L6727TR Datasheet HTML 7Page - STMicroelectronics L6727TR Datasheet HTML 8Page - STMicroelectronics L6727TR Datasheet HTML 9Page - STMicroelectronics L6727TR Datasheet HTML 10Page - STMicroelectronics L6727TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
L6727
Electrical specifications
7/22
3.2
Electrical characteristics
Table 5.
Electrical characteristics
(VCC = 12V; TA = -20°C to +85°C, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Recommended operating conditions
VCC
Device supply voltage
See Figure 1
4.1
13.2
V
VIN
Conversion input voltage
13.2
V
VCC < 7.0V
19.0
V
Supply current and power-ON
ICC
VCC supply current
UGATE and LGATE = OPEN
6
mA
IBOOT
BOOT supply current
UGATE = OPEN; PHASE to GND
0.5
mA
UVLO
VCC turn-ON
VCC Rising
4.1
V
Hysteresis
0.2
V
Oscillator
FSW
Main oscillator accuracy
0
°C to +70°C
270
300
330
kHz
250
300
350
kHz
∆V
OSC
PWM ramp amplitude
1.5
V
dMAX
Maximum duty cycle
80
%
Reference
Output voltage accuracy
VOUT = 0.8V, TA = 0°C to 70°C
-1
-
1
%
VOUT = 0.8V
-1.5
1.5
%
Error amplifier
A0
DC gain(1)
120
dB
GBWP
Gain-bandwidth product(1)
15
MHz
SR
Slew-rate(1)
8V/
µs
IFB
Input bias current
Sourced from FB
100
nA
DIS
Disable threshold
COMP Falling
0.43
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com