Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6727TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6727TR
Description  Single phase PWM controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727TR Datasheet(HTML) 1 Page - STMicroelectronics

  L6727TR Datasheet HTML 1Page - STMicroelectronics L6727TR Datasheet HTML 2Page - STMicroelectronics L6727TR Datasheet HTML 3Page - STMicroelectronics L6727TR Datasheet HTML 4Page - STMicroelectronics L6727TR Datasheet HTML 5Page - STMicroelectronics L6727TR Datasheet HTML 6Page - STMicroelectronics L6727TR Datasheet HTML 7Page - STMicroelectronics L6727TR Datasheet HTML 8Page - STMicroelectronics L6727TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
June 2007
Rev 3
1/22
1
L6727
Single phase PWM controller
Feature
■ Flexible power supply from 5V to 12V
■ Power conversion input as low as 1.5V
■ 1% output voltage accuracy
■ High-current integrated drivers
■ Adjustable output voltage
■ 0.8V internal reference
■ Simple voltage mode control loop
■ Sensorless and programmable OCP across
Low-Side RdsON
■ Oscillator internally fixed at 300kHz
■ Internal Soft-Start
■ LS-LESS to manage pre-bias start-up
■ Disable function
■ OV / UV protection
■ FB disconnection protection
■ SO-8 package
Applications
■ Subsystem power supply (MCH, IOCH, PCI...)
■ Memory and termination supply
■ CPU & DSP power supply
■ Distributed power supply
■ General DC / DC converters
Description
L6727 is a single-phase step-down controller with
integrated high-current drivers that provides
complete control logic, protections and reference
voltage to realize in an easy and simple way
general DC-DC converters by using a compact
SO-8 package.
Device flexibility allows managing conversions
with power input VIN as low as 1.5V and device
supply voltage in the range of 5V to 12V.
L6727 provides simple control loop with voltage-
mode error-amplifier. The integrated 0.8V
reference allows regulating output voltages with
±1% accuracy over line and temperature
variations. Oscillator is internally fixed to 300kHz.
L6727 provides programmable over current
protection as well as over and under voltage
protection. Current information is monitored
across the Low-Side mosfet RdsON saving the use
of expensive and space-consuming sense
resistors while output voltage is monitored
through FB pin.
FB disconnection protection prevents excessive
and dangerous output voltages in case of floating
FB pin.
SO-8
Table 1.
Device summary
Part Number
Package
Packaging
L6727
SO-8
Tube
L6727TR
SO-8
Tape & Reel
www.st.com


Similar Part No. - L6727TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6727TR STMICROELECTRONICS-L6727TR Datasheet
980Kb / 34P
Single phase PWM controller
23-Mar-2010
More results

Similar Description - L6727TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
Single phase PWM controller
26-Oct-2006
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
Single phase PWM controller
30-Jul-2007
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
Single phase PWM controller
23-Mar-2010
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
Single phase PWM controller
23-Mar-2010
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A_14 Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8172A RICHTEK-RT8172A Datasheet
494Kb / 40P
Dual Single-Phase PWM Controller
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
logo
STMicroelectronics
A6727B STMICROELECTRONICS-A6727B Datasheet
804Kb / 26P
Automotive single-phase PWM controller
15-Mar-2023
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com