Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272Z2Q3 Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 82Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 83Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 84Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 85Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 86Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 87Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 88Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 89Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 179 page
background image
System reset
ST10F272
86/179
Figure 20.
Asynchronous hardware RESET (EA = 0)
Exit from asynchronous reset state
When the RSTIN pin is pulled high, the device restarts: as already mentioned, if internal
FLASH is used, the restarting occurs after the embedded FLASH initialization routine is
completed. The system configuration is latched from Port0: ALE, RD and WR/WRL pins are
driven to their inactive level. The ST10F272 starts program execution from memory location
00'0000h in code segment 0. This starting location will typically point to the general
initialization routine. Timing of asynchronous Hardware Reset sequence are summarized in
Figure 19 and Figure 20.
20.3
Synchronous reset (warm reset)
A synchronous reset is triggered when RSTIN pin is pulled low while RPD pin is at high
level. In order to properly activate the internal reset logic of the device, the RSTIN pin must
be held low, at least, during 4 TCL (2 periods of CPU clock): refer also to Section 20.1 for
details on minimum reset pulse duration. The I/O pins are set to high impedance and
RSTOUT pin is driven low. After RSTIN level is detected, a short duration of a maximum of
12 TCL (six periods of CPU clock) elapses, during which pending internal hold states are
cancelled and the current internal access cycle if any is completed. External bus cycle is
aborted. The internal pull-down of RSTIN pin is activated if bit BDRSTEN of SYSCON
register was previously set by software. Note that this bit is always cleared on power-on or
after a reset sequence.
RSTF
P0[15:13]
P0[12:2]
transparent
not t.
transparent
not t.
P0[1:0]
not t.
not transparent
3..8 TCL2)
RST
Latching point of Port0 for
system start-up configuration
RPD
ALE
1)
Note 2. 3 to 8 TCL depending on clock source selection.
not transparent
not transparent
Note 1. Longer than Port0 settling time + PLL synchronization (if needed, that is P0(15:13) changed)
Longer than 500ns to take into account of Input Filter on RSTIN pin
(After Filter)
RSTIN
≤ 500 ns
≥ 50 ns
≤ 500 ns
≥ 50 ns
8 TCL
3..4 TCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com