Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2902913 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2902913
Description  TC-2D37SUB-DO16-ESD-AR-UNI - Module carrier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902913 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2902913 Datasheet HTML 1Page - PHOENIX CONTACT 2902913 Datasheet HTML 2Page - PHOENIX CONTACT 2902913 Datasheet HTML 3Page - PHOENIX CONTACT 2902913 Datasheet HTML 4Page - PHOENIX CONTACT 2902913 Datasheet HTML 5Page - PHOENIX CONTACT 2902913 Datasheet HTML 6Page - PHOENIX CONTACT 2902913 Datasheet HTML 7Page - PHOENIX CONTACT 2902913 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Universal termination carrier for redundantly connecting 16 PSR-FSP modules to digital output
cards, via two D-SUB connectors, 37-pos. (1:1 connection). Solution for Emergency Shut Down
(ESD) applications.
Your advantages
Mechanically decoupled PCB
•
Robust aluminum profile with integrated DIN rail
•
Side parts with integrated end clamps
•
Redundant D-SUB pin strip system connection, 37-pos. (1:1 connection)
•
Simple or redundant supply, decoupled from diode, protected against polarity reversal
•
Error message in the event of power supply failure or fuse fault
•
Relay output (N/O contact, floating) and flashing LED for error message
•
Undervoltage monitoring at input at < 18 V DC
•
Suitable for safe state off applications
•
Cable sets for signal connection are not supplied as standard and must be ordered separately
•
Commercial data
Item number
2902913
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
C420
Product key
DK274W
Catalog page
Page 257 (C-6-2019)
GTIN
4046356703703
Weight per piece (including packing)
1,521 g
Weight per piece (excluding packing)
1,521 g
Customs tariff number
85366990
Country of origin
DE
TC-2D37SUB-DO16-ESD-AR-UNI - Module carrier
2902913
https://www.phoenixcontact.com/us/products/2902913
Jan 20, 2025, 1:58 AM
Page 1 (8)


Similar Part No. - 2902913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2902914 PHOENIX-2902914 Datasheet
77Kb / 4P
Module carrier - TC-2D37SUB-DO16-F&G-AR-UNI
More results

Similar Description - 2902913

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTESD7V0LED02 JIANGSU-DTESD7V0LED02 Datasheet
738Kb / 6P
Uni-direction ESD Protection Diode
ESD36VD5 JIANGSU-ESD36VD5 Datasheet
1Mb / 6P
Uni-direction ESD Protection Diode
logo
PHOENIX CONTACT
2902914 PHOENIX-2902914 Datasheet
77Kb / 4P
Module carrier - TC-2D37SUB-DO16-F&G-AR-UNI
2902932 PHOENIX-2902932 Datasheet
98Kb / 6P
Module carrier - TC-D37SUB-AIO16-EX-PS-UNI
2902933 PHOENIX-2902933 Datasheet
75Kb / 4P
Module carrier - TC-D37SUB-ADIO16-M-P-UNI
2902934 PHOENIX-2902934 Datasheet
78Kb / 5P
Module carrier - TC-D37SUB-AIO16-M-PS-UNI
2924854 PHOENIX-2924854 Datasheet
98Kb / 6P
Module carrier - TC-D37SUB-ADIO16-EX-P-UNI
1105134 PHOENIX-1105134 Datasheet
98Kb / 6P
Extension module - PSR-M-E2-DO16-SC
1105136 PHOENIX-1105136 Datasheet
98Kb / 6P
Extension module - PSR-M-E2-DO16-PI
1088129 PHOENIX-1088129 Datasheet
494Kb / 20P
Digital module - AXL SE DO16/1
Dec 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com