Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2902913 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2902913
Description  TC-2D37SUB-DO16-ESD-AR-UNI - Module carrier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902913 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2902913 Datasheet HTML 1Page - PHOENIX CONTACT 2902913 Datasheet HTML 2Page - PHOENIX CONTACT 2902913 Datasheet HTML 3Page - PHOENIX CONTACT 2902913 Datasheet HTML 4Page - PHOENIX CONTACT 2902913 Datasheet HTML 5Page - PHOENIX CONTACT 2902913 Datasheet HTML 6Page - PHOENIX CONTACT 2902913 Datasheet HTML 7Page - PHOENIX CONTACT 2902913 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Notes
Notes on operation
For proper use, the specifications of the installation directive (see
Downloads) must be observed. For applications or use with third-
party products, the specifications, and the safety and warning
instructions of the respective third-party manufacturer must also
be met.
Utilization restriction
EMC note
EMC: class A product, see manufacturer's declaration in the
download area
Product properties
Product type
Module carrier
Insulation characteristics: Air clearances and creepage distances
Insulation
Basic insulation
Electrical properties
Max. permissible current
1 A (Signal/channel)
Nominal voltage UN
< 50 V DC (Per signal/channel)
Air clearances and creepage distances
Rated insulation voltage
50 V
Rated surge voltage
0.5 kV
Supported controller universal
Suitable I/O card
universal
Supply
Designation
Device supply
Fuse
2x 2.5 A on PCB, slow-blow (replaceable)
Input voltage
24 V DC
Input voltage range
21.1 V DC ... 26.4 V DC
Input current
≤ 2 A
Redundant supply
yes, decoupled from diodes
Polarization and surge protection
Yes
Output name
Switching output
Contact switching type
1 N/C contact (alarm = open)
Connection data
Power supply
Connection method
Screw connection
Stripping length
7 mm
Number of connections
1
Number of positions
6
TC-2D37SUB-DO16-ESD-AR-UNI - Module carrier
2902913
https://www.phoenixcontact.com/us/products/2902913
Jan 20, 2025, 1:58 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com