Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2452IPE4 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV2452IPE4
Description  FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2452IPE4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV2452IPE4 Datasheet HTML 12Page - Texas Instruments TLV2452IPE4 Datasheet HTML 13Page - Texas Instruments TLV2452IPE4 Datasheet HTML 14Page - Texas Instruments TLV2452IPE4 Datasheet HTML 15Page - Texas Instruments TLV2452IPE4 Datasheet HTML 16Page - Texas Instruments TLV2452IPE4 Datasheet HTML 17Page - Texas Instruments TLV2452IPE4 Datasheet HTML 18Page - Texas Instruments TLV2452IPE4 Datasheet HTML 19Page - Texas Instruments TLV2452IPE4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
16
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 22
0.1%
0.01%
0.001%
10
100
1k
1%
10%
f − Frequency − MHz
100%
10k
100k
AV = 100
AV = 10
AV = 1
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
VDD = 3 V
VO(PP) = 1.5 V
RL = 10 kΩ
TA = 25°C
Figure 23
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
10%
1%
0.1%
0.010%
0.001%
100%
10
100
1k
10k
100k
f − Frequency − Hz
VDD = 5 V
VO(PP) = 3 V
RL = 10 kΩ
TA = 25°C
AV = 1
AV = 10
AV = 100
Figure 24
PHASE MARGIN
vs
LOAD CAPACITANCE
CL − Load Capacitance − pF
VDD = 5 V
RL = 10 kΩ
TA = 25°C
100
90
80
70
60
40
30
20
10
0
50
°
°
°
°
°
°
°
°
°
°
°
100
1k
10k
100k
RNULL = 500Ω
RNULL = 200Ω
RNULL = 100Ω
RNULL = 50Ω
RNULL = 10Ω
RNULL = 0Ω
Figure 25
2.5
3
3.5
4
4.5
VDD − Supply Voltage − V
5
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
5.5
240
230
220
210
200
270
260
250
280
190
180
f = 1 kHz
RL = 10 kΩ
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com