Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2452IPE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2452IPE4
Description  FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2452IPE4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2452IPE4 Datasheet HTML 1Page - Texas Instruments TLV2452IPE4 Datasheet HTML 2Page - Texas Instruments TLV2452IPE4 Datasheet HTML 3Page - Texas Instruments TLV2452IPE4 Datasheet HTML 4Page - Texas Instruments TLV2452IPE4 Datasheet HTML 5Page - Texas Instruments TLV2452IPE4 Datasheet HTML 6Page - Texas Instruments TLV2452IPE4 Datasheet HTML 7Page - Texas Instruments TLV2452IPE4 Datasheet HTML 8Page - Texas Instruments TLV2452IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
2
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
description (continued)
Three members of the family (TLV2450/3/5) offer a shutdown terminal for conserving battery life in portable
applications. During shutdown, the outputs are placed in a high-impedance state and the amplifier consumes
only 16 nA/channel. The family is fully specified at 3 V and 5 V across an expanded industrial temperature range
(−40
°C to 125°C). The singles and duals are available in the SOT23 and MSOP packages, while the quads are
available in TSSOP. The TLV2450 offers an amplifier with shutdown functionality all in a 6-pin SOT23 package,
making it perfect for high density circuits.
TLV2450 and TLV2451 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
†
SOT-23
PLASTIC DIP
TA
SMALL OUTLINE
(D)†
(DBV)
SYMBOL
PLASTIC DIP
(P)
0
°C to 70°C
TLV2450CD
TLV2451CD
TLV2450CDBV
TLV2451CDBV
VAQC
VARC
TLV2450CP
TLV2451CP
−40
°C to 125°C
TLV2450ID
TLV2451ID
TLV2450IDBV
TLV2451IDBV
VAQI
VARI
TLV2450IP
TLV2451IP
−40
°C to 125°C
TLV2450AID
TLV2451AID
—
—
—
—
TLV2450AIP
TLV2451AIP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (e.g., TLV2450CDR).
TLV2452 and TLV2453 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL
OUTLINE
MSOP
PLASTIC
DIP
PLASTIC
DIP
TA
OUTLINE
(D)†
(DGK)†
SYMBOL‡
(DGS)†
SYMBOL‡
DIP
(N)
DIP
(P)
0
°C to 70°C
TLV2452CD
TLV2453CD
TLV2452CDGK
—
xxTIABI
—
—
TLV2453CDGS
—
xxTIABK
—
TLV2453CN
TLV2452CP
—
−40
°C to 125°C
TLV2452ID
TLV2453ID
TLV2452IDGK
—
xxTIABJ
—
—
TLV2453IDGS
—
xxTIABL
—
TLV2453IN
TLV2452IP
—
−40
°C to 125°C
TLV2452AID
TLV2453AID
—
—
—
—
—
—
—
—
—
TLV2453AIN
TLV2452AIP
—
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2452CDR).
‡ xx represents the device date code.
TLV2454 and TLV2455 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
(D)†
PLASTIC DIP
(N)
TSSOP
(PW)†
0
°C to 70°C
TLV2454CD
TLV2455CD
TLV2454CN
TLV2455CN
TLV2454CPW
TLV2455CPW
−40
°C to 125°C
TLV2454ID
TLV2455ID
TLV2454IN
TLV2455IN
TLV2454IPW
TLV2455IPW
−40
°C to 125°C
TLV2454AID
TLV2455AID
TLV2454AIN
TLV2455AIN
TLV2454AIPW
TLV2455AIPW
† This package is available taped and reeled. To order this packaging option, add an
R suffix to the part number (e.g., TLV2454CDR).
NOTE:
For the most current package and ordering information, see the Package Option Addendum located at the
end of this data sheet, or refer to our web site at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com