Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10738CIWM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10738CIWM
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10738CIWM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC10738CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
+ =AV+ =DV+ = +5.0 V
DC,VREF+ = 2.5 VDC,VREF− = GND, VIN− = 2.5V for Signed
Characteristics, V
IN− = GND for Unsigned Characteristics and fCLK = 2.5 MHz unless otherwise specified. Boldface limits ap-
ply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C. (Notes 8, 9, 10)
Symbol
Parameter
Conditions
Typical
(Note 11)
Limits
(Note 12)
Units
(Limits)
REFERENCE INPUT AND MULTIPLEXER CHARACTERISTICS
On Channel Leakage Current
(Note 15)
On Channel = 5V and
Off Channel = 0V
0.4
3.0
µA (max)
On Channel = 0V and
Off Channel = 5V
−0.4
−3.0
µA (max)
REFERENCE CHARACTERISTICS
V
REFOut
Reference Output Voltage
2.5V ±0.5%
2.5V ±2%
V (max)
∆V
REF/
∆TV
REFOut Temperature Coefficient
±40
ppm/˚C
∆V
REF/
∆I
L
Load Regulation, Sourcing
0 mA
≤ I
L
≤ +4 mA
±0.003
±0.05
%/mA (max)
∆V
REF/
∆I
L
Load Regulation, Sinking
0 mA
≤ I
L
≤ −1 mA
±0.2
±0.6
%/mA (max)
Line Regulation
5V ±10%
±0.3
±2.5
mV (max)
I
SC
Short Circuit Current
V
REFOut=0V
13
22
mA (max)
Noise Voltage
10 Hz to 10 kHz,
C
L = 100 µF
5µV
∆V
REF/
∆t
Long-term Stability
±120
ppm/kHr
t
SU
Start-Up Time
C
L = 100 µF
100
ms
DIGITAL AND DC CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
+ = 5.5V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
+ = 4.5V
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 5.0V
0.005
+2.5
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−0.005
−2.5
µA (max)
V
OUT(1)
Logical “1” Output Voltage
V
+ = 4.5V, I
OUT = −360 µA
2.4
V (min)
V
+ = 4.5V, I
OUT = −10 µA
4.5
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
+ = 4.5V, I
OUT = 1.6 mA
0.4
V (min)
I
OUT
TRI-STATE Output Current
V
OUT = 0V
−0.1
−3.0
µA (max)
V
OUT = 5V
+0.1
+3.0
µA (max)
+I
SC
Output Short Circuit Source Current
V
OUT = 0V, V
+ = 4.5V
−30
−15
mA(min)
−I
SC
Output Short Circuit Sink Current
V
OUT=V
+ = 4.5V
30
15
mA (min)
I
D+
Digital Supply Current (Note 17)
CS = HIGH, Power Up
0.9
1.3
mA (max)
CS = HIGH, Power Down
0.2
0.4
mA (max)
CS = HIGH, Power Down,
and CLK Off
0.5
50
µA (max)
I
A+
Analog Supply Current (Note 17)
CS = HIGH, Power Up
CS = HIGH, Power Down
2.7
3
6.0
15
mA (max)
µA (max)
I
REF
Reference Input Current
V
REF+ = +2.5V and
CS = HIGH, Power Up
0.6
mA (max)
AC CHARACTERISTICS
f
CLK
Clock Frequency
3.0
5
2.5
MHz (max)
kHz (min)
Clock Duty Cycle
40
60
%(min)
%(max)
t
C
Conversion Time
12
12
Clock Cycles
5
5
µs (max)
t
A
Acquisition Time
4.5
4.5
Clock Cycles
2
2
µs (max)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com