Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10738CIWM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10738CIWM
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10738CIWM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10738CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ADC10731/ADC10732/ADC10734/ADC10738
10-Bit Plus Sign Serial I/O A/D Converters with Mux,
Sample/Hold and Reference
General Description
The ADC12731, ADC12732 and ADC12734 are obsolete
or on lifetime buy and included for reference only.
This series of CMOS 10-bit plus sign successive approxima-
tion A/D converters features versatile analog input multiplex-
ers, sample/hold and a 2.5V band-gap reference. The 1-, 2-,
4-, or 8-channel multiplexers can be software configured for
single-ended or differential mode of operation.
An input sample/hold is implemented by a capacitive refer-
ence ladder and sampled-data comparator. This allows the
analog input to vary during the A/D conversion cycle.
In the differential mode, valid outputs are obtained even
when the negative inputs are greater than the positive be-
cause of the 10-bit plus sign output data format.
The serial I/O is configured to comply with the NSC MI-
CROWIRE™ serial data exchange standard for easy inter-
face to the COPS™ and HPC™ families of controllers, and
can easily interface with standard shift registers and micro-
processors.
Features
n
0V to analog supply input range
n
Serial I/O (MICROWIRE compatible)
n
Software or hardware power down
n
Analog input sample/hold function
n
Ratiometric or absolute voltage referencing
n
No zero or full scale adjustment required
n
No missing codes over temperature
n
TTL/CMOS input/output compatible
Key Specifications
n
Resolution
10 bits plus sign
n
Single supply
5V
n
Power consumption
37 mW (Max)
n
In power down mode
18 µW
n
Conversion time
5µs (Max)
n
Sampling rate
74 kHz (Max)
n
Band-gap reference
2.5V ±2% (Max)
Applications
n
Medical instruments
n
Portable and remote instrumentation
n
Test equipment
ADC10738 Simplified Block Diagram
01139001
COPS™, HPC™ and MICROWIRE™ are trademarks of National Semiconductor Corporation.
April 2006
© 2006 National Semiconductor Corporation
DS011390
www.national.com


Similar Part No. - ADC10738CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10738CIWM NSC-ADC10738CIWM Datasheet
556Kb / 27P
10-Bit Plus Sign Serial I/O A/D Converters with Mux,
logo
Texas Instruments
ADC10738CIWM TI1-ADC10738CIWM Datasheet
1Mb / 33P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10738CIWM/NOPB TI1-ADC10738CIWM/NOPB Datasheet
1Mb / 33P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10738CIWM/NOPB TI2-ADC10738CIWM/NOPB Datasheet
1Mb / 34P
ADC10731/ADC10732/ADC10734/ADC10738 10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
REVISED MARCH 2013
ADC10738CIWM/NOPB.B TI2-ADC10738CIWM/NOPB.B Datasheet
1Mb / 34P
ADC10731/ADC10732/ADC10734/ADC10738 10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
REVISED MARCH 2013
More results

Similar Description - ADC10738CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
10-Bit Plus Sign Serial I/O A/D Converters with Mux,
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com