Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263BE1M1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7263BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE1M1 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7263BE1M1 Datasheet HTML 1Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 2Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 3Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 4Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 5Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 6Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 7Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 8Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 145 page
background image
Rev. 7.0
August 2007
1/145
ST7263BDx ST7263BHx
ST7263BKx ST7263BE
Low speed USB 8-bit MCU family with up to 32K Flash/ROM,
DFU capability, 8-bit ADC, WDG, timer, SCI & I²C
■
Memories
– 4, 8, 16 or 32 Kbytes program memory: high
density Flash (HDFlash), FastROM or ROM
with Read-Out and Write protection
– In-application programming (IAP) and in-cir-
cuit programming (ICP)
– 384, 512 or 1024 bytes RAM memory (128-
byte stack)
■
Clock, reset and supply management
– Run, Wait, Slow and Halt CPU modes
– 12 or 24 MHz oscillator
– RAM Retention mode
– Optional low voltage detector (LVD)
■
USB (universal serial bus) Interface
– DMA for low speed applications compliant
with USB 1.5 Mbs (version 2.0) and HID spec-
ifications (version 1.0)
– Integrated 3.3 V voltage regulator and trans-
ceivers
– Supports USB DFU class specification
– Suspend and Resume operations
– 3 endpoints with programmable Input/Output
configuration
■
Up to 27 I/O ports
– Up to 8 high sink I/Os (10 mA at 1.3 V)
– 2 very high sink true open drain I/Os (25 mA
at 1.5 V)
– Up to 8 lines individually programmable as in-
terrupt inputs
■
1 analog peripheral
– 8-bit A/D converter with 8 or 12 channels
■
2 timers
– Programmable watchdog
– 16-bit timer with 2 Input Captures, 2 Output
Compares, PWM output and clock input
■
2 communication Interfaces
– Asynchronous serial communications Inter-
face
– I²C multimaster Interface up to 400 kHz
■
Instruction Set
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
■
Development tools
– Versatile development tools (under Windows)
including assembler, linker, C-compiler, ar-
chiver, source level debugger, software li-
brary,
hardware
emulator,
programming
boards and gang programmers, HID and DFU
software layers
Table 1. Device summary
SO34(Shrink)
PSDIP32
SO24
LQFP48 (7x7)
QFN40 (6x6)
Features
ST7263BH2,
ST7263BH6
ST7263BD6
ST7263BK1, ST7263BK2, ST7263BK4,
ST7263BK6
ST7263BE1, ST7263BE2,
ST7263BE4, ST7263BE6
Program memory
(Flash / ROM) - bytes
32K
16K
8K
32K
32K
16K
8K
4K
32K
16K
8K
4K
RAM (stack) - bytes
1024
(128)
512
(128)
384
(128)
1024
(128)
1024
(128)
512
(128)
384
(128)
384
(128)
1024
(128)
512
(128)
384
(128)
384
(128)
Standard peripherals
Watchdog timer, 16-bit timer, USB
Other peripherals
SCI, I²C, ADC
SCI, ADC ADC
SCI, I²C
I/Os (high current)
27 (10)
19 (10)
14 (6)
Operating supply
4.0 V to 5.5 V
CPU frequency
8 MHz (with 24 MHz oscillator) or 4 MHz (with 12 MHz oscillator)
Operating temp.
0 °C to +70 °C
Packages
LQFP48 (7x7)
QFN40
(6x6)
SDIP32/
SO34
QFN40
(6x6)
SDIP32/SO34
SO24
1


Similar Part No. - ST7263BE1M1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263BEx STMICROELECTRONICS-ST7263BEx Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
More results

Similar Description - ST7263BE1M1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7261 STMICROELECTRONICS-ST7261 Datasheet
1Mb / 80P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
Jun-2003
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Aug-2000
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST72F324LJ2T STMICROELECTRONICS-ST72F324LJ2T Datasheet
1Mb / 151P
3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
01-Feb-2004
ST7260 STMICROELECTRONICS-ST7260 Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7262 STMICROELECTRONICS-ST7262_06 Datasheet
1Mb / 139P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
20-Mar-2006
ST72324LXX STMICROELECTRONICS-ST72324LXX Datasheet
3Mb / 154P
3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
12-Sep-2007
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
Low speed USB 8-bit MCU family with up to 8K Flash
05-Feb-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com