Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263BE1M1 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST7263BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE1M1 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST7263BE1M1 Datasheet HTML 29Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 30Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 31Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 32Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 33Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 34Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 35Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 36Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
33/145
I/O ports (Cont’d)
Analog alternate function
When the pin is used as an ADC input the I/O must
be configured as a floating input. The analog mul-
tiplexer (controlled by the ADC registers) switches
the analog voltage present on the selected pin to
the common analog rail which is connected to the
ADC input.
It is recommended not to change the voltage level
or loading on any port pin while conversion is in
progress. Furthermore it is recommended not to
have clocking pins located close to a selected an-
alog pin.
Warning: The analog input voltage level must be
within the limits stated in the Absolute Maximum
Ratings.
10.3 I/O port implementation
The hardware implementation on each I/O port de-
pends on the settings in the DDR register and spe-
cific feature of the I/O port such as ADC Input or
true open drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com