Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263BE1M1 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST7263BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE1M1 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST7263BE1M1 Datasheet HTML 106Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 107Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 108Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 109Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 110Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 111Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 112Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 113Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
110/145
14.3 Operating conditions
14.3.1 General operating conditions
Figure 51. fCPU maximum operating frequency versus VDD supply voltage
14.3.2 Operating conditions with Low Voltage Detector (LVD)
Subject to general operating conditions for VDD, fCPU, and TA. Refer to Figure 12 on page 24.
Notes:
1. The VDD rise time rate condition is needed to insure a correct device power-on and LVD reset. Not tested in production.
2. Guaranteed by characterization - not tested in production
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating Supply Voltage
fCPU = 8 MHz
45
5.5
V
VDDA
Analog reference voltage
VDD
VDD
VSSA
Analog reference voltage
VSS
VSS
fCPU
Operating frequency
fOSC = 24 MHz
8
MHz
fOSC = 12 MHz
4
TA
Ambient temperature range
070
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+
Low Voltage Reset Threshold (VDD rising) VDD Max. Variation 50V/ms
3.4
3.7
4.0
V
VIT-
Low Voltage Reset Threshold (VDD falling) VDD Max. Variation 50V/ms
3.2
3.5
3.8
V
Vhyst
Hysteresis (VIT+ - VIT-)
2)
100
175
220
mV
VtPOR
VDD rise time rate
1)
0.5
50
V/ms
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
0
2.5
3.0
3.5
4
4.5
5
5.5
FUNCTIONALITY
FUNCTIONALITY
GUARANTEED
FROM 4 TO 5.5 V
NOT GUARANTEED
IN THIS AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com