Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8268 Datasheet(PDF) 66 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 66 Page - ams AG

Back Button AS8268 Datasheet HTML 62Page - ams AG AS8268 Datasheet HTML 63Page - ams AG AS8268 Datasheet HTML 64Page - ams AG AS8268 Datasheet HTML 65Page - ams AG AS8268 Datasheet HTML 66Page - ams AG AS8268 Datasheet HTML 67Page - ams AG AS8268 Datasheet HTML 68Page - ams AG AS8268 Datasheet HTML 69Page - ams AG AS8268 Datasheet HTML 70Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 66 of 136
Procedure:
Status1 (951Fh): 80h
→ starts pulse counting.
When pulse counting is completed
→ CINT bit in Status1 = 1.
The status of the CINT bit in Status1 may be checked to confirm that the pulse counting is complete.
Alternatively, the time between 2 pulses may be calculated to determine the count cycle time (the first pulse is
used for synchronization and the second pulse starts the count cycle).
Following the pulse counting cycle, the number of pulses counted can be read from PCNT0/PCNT1/PCNT2
(951Bh/951Ch/951Dh).
The ideal number of pulses counted assuming the meter is perfectly calibrated would be:
000
10
600
1
000
000
16
,
,
,
,
Ni
=
=
Assuming that we count 11,000 pulses, the (Ideal) Pulse_lev must be changed by the factor:
10,000/11,000 = 0.909
The new Pulse_lev
= 1,193,804 x 0.909
= 1,085,168
⇒ 108EF0h
⇒ 932Ah: F0h
932Bh: 8Eh
932Ch: 10h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com