Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8268 Datasheet(PDF) 15 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 15 Page - ams AG

Back Button AS8268 Datasheet HTML 11Page - ams AG AS8268 Datasheet HTML 12Page - ams AG AS8268 Datasheet HTML 13Page - ams AG AS8268 Datasheet HTML 14Page - ams AG AS8268 Datasheet HTML 15Page - ams AG AS8268 Datasheet HTML 16Page - ams AG AS8268 Datasheet HTML 17Page - ams AG AS8268 Datasheet HTML 18Page - ams AG AS8268 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 15 of 136
8. Detailed Functional Description
The AS8267 / AS8268 integrated circuits have a dedicated measurement front end, which is capable of
measuring active and reactive energy, RMS mains voltage, RMS mains current as well as power factor. There
are two completely separate differential current channel inputs, for measurement of both the Live and Neutral
currents. The two current inputs may be connected to a shunt resistor (I1) and a current transformer (I2). Both
current channels have programmable gains; thus it is possible to connect the shunt resistor to any of the two
differential current inputs. The option to use two current transformers is also available. The AS8267 / AS8268
ICs may be programmed to accept either of the two measured currents for the energy calculation, or may be
programmed to accept the larger of the two currents for the energy calculation.
The AS8267 / AS8268 ICs may also be used for conventional 1-phase single current measurement
applications, where only the Live current is measured. In this case, the I2P and I2N pins are left unconnected
and the second current channel modulator can be powered down.
The voltage channel input for measurement of the line voltage is also differential and is connected to a tap of a
resistive divider of the line voltage. The resistive divider can be set to accommodate any line voltage standard
(Vmains) including 100V, 110V, 220V, 230V or 240V.
A 3.0 to 4.0MHz low power oscillator generates the system clock for the AS8267 / AS8268 ICs. The absolute
clock frequency may be calibrated on-chip. A low power divider is used to generate a 1Hz clock for the on-chip
real time clock/calendar (RTC). The supply voltage to the low power oscillator, the low power divider and the
RTC may be buffered with an external battery in case of mains power drops or failures.
The integrated temperature sensor can be used to compensate for temperature drift of the quartz crystal to
improve measurement accuracy.
The LCD driver (LCDD) signals LSD0 … LSD23 and LBP0 … LBP3 can be directly connected to a liquid crystal
display (LCD), which is used to display the various measured parameters. A total of 80 LCD segments may be
driven by the AS8267 IC and 96 segments may be driven by the AS8268 IC.
A maximum of 12 programmable multi-purpose input/output (MPIO) pins are available for various meter
functions, for example light-emitting diodes (LED) to signal energy consumption, energy direction, fault
condition, etc. These I/O pins may also be programmed for use as bi-directional communication channels such
as an optical interface or an additional Universal Asynchronous Receiver/Transmitter (UART2) Interface,
should it so be required. The AS8267 has 9 x MPIO pins, while the AS8268 has 12 x MPIO pins.
A dedicated Serial Peripheral Interface (SPI) which can be configured as master or slave is also provided.
In master mode an external EEPROM (1kByte up to 32kByte) with a compatible serial peripheral interface can
be connected if required.
In slave mode the interface allows direct access to the internal Flash memory.
The on-chip 8051 compatible microcontroller performs all the required calculations and enables the user to
customize the input and output configuration of the meter. The microcontroller has a 1kB data memory, a
square root calculation facility and a second UART (UART2) for debugging purposes.
The highly reliable 32kByte Flash memory allows storage of program and data. With the integrated security
concept Flash Data can be protected against unauthorised access. The security concept offers password
protection as well as an attack counter which blocks the Flash after five unauthorised attacks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com