Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8268 Datasheet(PDF) 112 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 112 Page - ams AG

Back Button AS8268 Datasheet HTML 108Page - ams AG AS8268 Datasheet HTML 109Page - ams AG AS8268 Datasheet HTML 110Page - ams AG AS8268 Datasheet HTML 111Page - ams AG AS8268 Datasheet HTML 112Page - ams AG AS8268 Datasheet HTML 113Page - ams AG AS8268 Datasheet HTML 114Page - ams AG AS8268 Datasheet HTML 115Page - ams AG AS8268 Datasheet HTML 116Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 112 of 136
Notes:
1)
When ‘enable_crc’ is set to 1 a 16-bit checksum word will be sent after the data stream. It can be used to validate the
received data.
Before accessing the Flash a request has to be sent (see
2)
Arbitration)
Write to XDATA Address
This command is used for Flash and external EEPROM write access.
For evaluation, but also for setting the RTC it will be required to write to registers located in the XDATA
address space. Also for this an SCT command is prepared. The diagram in the section before shows the main
blocks involved. Again the whole XDATA range of 64k bytes is visible to the WRITE_X instruction. However, for
the Flash memory (including addresses 0000h to 7FFFh) there are some considerations to take when
programming the device. Besides the ‘byte write’ command, there are also ‘page write’, ‘page_erase’ and ‘mass
erase’.
Notes:
Before accessing the Flash a request has to be sent (see
1)
Arbitration)
2)
In principle it is possible that a value, which has been modified using this write-command, immediately gets overwritten
by the MCU. Therefore this command has to be used in an intelligent way.
Transmission Protocol:
In order to make the data transfer easier for the system control a defined protocol is used for talking to the
UART1, where also the length of the data to be written to the XDATA address space is specified at the
beginning of the transmission. It looks like this:
Write Command
(8 bits)
7
0
1
2
3
4
5
6
15
8
9
10
11
12
13
14
7
0
1
2
3
4
5
6
Start Address
(16 bits)
15
8
9
10
11
12
13
14
7
0
1
2
3
4
5
6
Block Length
(16 bits)
Data
7
0
1
2
3
4
5
6
...
Acknowledge
7
0
1
2
3
4
5
6
(TXD)
Notes:
1)
When ‘enable_crc’ is set to 0 the UART1 only sends back the acknowledge word (FAh).
2)
When ‘enable_crc’ is set to 1 a 16-bit checksum has to be transferred to the UART1 at the end of the data stream. The
SCT will calculate the checksum and depending on the result it will send back the acknowledge word (FAh) or the not-
acknowledge word (FBh).
Transmission Protocol for FLASH BYTE PROGRAM and FLASH PAGE PROGRAM:
The protocol is the same as for a manual write operation to a register. The only difference is that after reaching
the desired block length, a Flash program process is triggered, which takes 6ms maximum. The device detects
automatically a Flash programming process when selecting an address lower than 8000h. The user is
responsible for the correct programming and handling of Flash pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com