Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8268 Datasheet(PDF) 121 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 121 Page - ams AG

Back Button AS8268 Datasheet HTML 117Page - ams AG AS8268 Datasheet HTML 118Page - ams AG AS8268 Datasheet HTML 119Page - ams AG AS8268 Datasheet HTML 120Page - ams AG AS8268 Datasheet HTML 121Page - ams AG AS8268 Datasheet HTML 122Page - ams AG AS8268 Datasheet HTML 123Page - ams AG AS8268 Datasheet HTML 124Page - ams AG AS8268 Datasheet HTML 125Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 121 of 136
Note:
The SBUF register is split up within the UART1 into the internal registers TransmitSBUF (when writing to the
SFR) and ReceiveSBUF (when reading from the SFR)
A write access to SBUF starts a transmission, according to the selected mode. A write access during an
ongoing transmission results in discarding the byte without disturbing the process of transmission. If there is a
series of bytes to be transmitted, the software has to wait until the previous byte has been sent (SCON.TI =
‘1’), before writing to SBUF. The shift sequence (serialization) is handled by means of the internal register
TransmitSBUF that holds up to 12 bits (depending on the mode used): hardcoded ‘1’-bit + start bit + 8 data bits
+ optional ninth data bit + stop bit. During transmitting the content of TransmitSBUF is shift right, thus
transmission is done with LSB first.
A read access to SBUF delivers the latest byte received by the UART1. Bit SCON.RI has to be cleared (to ‘0’)
by the software after fetching a byte from SBUF, thus enabling the UART1 to receive further bytes. If SCON.RI
is not ‘0’ when a new byte is received, the new byte will be discarded (and thus is lost) and SBUF will keep its
old value.
SBAUDH, SBAUDL Baudrate Reload Registers
MSB
LSB
SBAUDL
BR7
BF6
BR5
BR4
BR3
BR2
BR1
BR0
SBAUDH
BR15
BR14
BR13
BR12
BR11
BR10
BR9
BR8
Note:
The SBAUDL and SBAUDH are merged into a 16 bit reload value:
SBAUDL = Baudrate value (7:0)
SBAUDH = Baudrate value (15:8)
Baudrate Generator
Unlike the original 8051 architecture, the UART1 incorporates a built-in baudrate generator. The baudrate is
generated by a counter, which is decremented every clock cycle. When reaching the value 0, the counter is
automatically reloaded. The reload value is a programmable value stored in the 16 bit register formed by
SBAUDH and SBAUDL. A serial bit (during transmit and receive) is further divided into 16 time slices for
accurate sampling. Due to the full-duplex operation there is a separate Transmit Baudrate Timer und Receive
Baudrate Timer implemented for this task.
Baudrate Reload Register
The following table shows some selected values to be loaded to the BRReloadRegister (SBaudH + SBaudL) at
a given clock frequency that may be used with the AS8267 / AS8268 ICs. The smaller the value, the more
difficult it is to meet a demanded baudrate within a given tolerance. If the error is greater than 5% the baudrate
is not appropriate for error-free communication.
Baudrate
[Baud]
3.00MHz
error [%]
3.58MHz
(3579545Hz)
error [%]
4.00MHz
error [%]
110
1704
0.0267
2033
0.0082
2272
0.0120
150
1249
0
1491
-0.0320
1666
0.0200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com