| Electronic Components Datasheet Search |
|
GL800HT25 Datasheet(PDF) 9 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL800HT25 Datasheet(HTML) 9 Page - GENESYS LOGIC |
|
9 / 20 page ![]() GL800HT25 USB 2.0 UTMI Compliant Transceiver IP Core ©2000-2003 Genesys Logic Inc.—All rights reserved. Page 9 3.2 Block Diagram HS DLL Elasticity Buffer M U X NRZI Decoder Bit Unstuffer Rcv Status/ Control Xmit HS XCVR Rx Register Parallel Rx Data Receive State Machine Transmit State Machine Tx Register Parallel Tx Data Bit Stuffer NRZI Encoder Clock Multiplier Control Logic Control CLK External Crystal FS DLL & Data Recovery Rcv Status/ Control Xmit FS XCVR Data+ Data- Analog Front End Figure 3.2 - Block Diagram 1. HS XCVR HS XCVR contains the low-level analog circuitry required to physically interface USB 2.0 signaling to the USB DP/DM signal lines. 2. FS XCVR FS XCVR includes the logic necessary to send and receive the FS data on USB. 3. Clock Multiplier Clock Multiplier generates the internal clocks for the GL800HT25 USB 2.0 Transceiver and the CLK30 signal. All data transfer signals are synchronized with the CLK30 signal. In HS mode there is one clock cycle per byte time. The frequency of clock does not change when the UTMI is switched between HS to FS modes. In FS mode there are 5 clock cycles per FS bit time, typically 40 clock cycles per FS byte time. If a received byte contains a stuffed bit then the byte boundary can be stretched to 45 clock cycles, and two stuffed bits would result in a 50 clock delay between bytes. 4. HS DLL (High Speed Delay Line PLL) DLL extracts clock and data from the data received over the USB 2.0 interface for reception by the Receive Deserializer. The data output from the DLL is synchronous with the local clock. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |