Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL852 Datasheet(PDF) 18 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 18 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 14Page - GENESYS LOGIC GL852 Datasheet HTML 15Page - GENESYS LOGIC GL852 Datasheet HTML 16Page - GENESYS LOGIC GL852 Datasheet HTML 17Page - GENESYS LOGIC GL852 Datasheet HTML 18Page - GENESYS LOGIC GL852 Datasheet HTML 19Page - GENESYS LOGIC GL852 Datasheet HTML 20Page - GENESYS LOGIC GL852 Datasheet HTML 21Page - GENESYS LOGIC GL852 Datasheet HTML 22Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 18
USB2.0 HOST/HUB
REPEATER
TT
USPORToperating
in HS signaling
HS vs. FS/LS:
Traffic channel
is routed to TT
HS vs. HS:
Traffic channel is
routed to REPEATER
DSPORT operating
in HS signaling
DSPORT operating
in FS/LS signaling
TT
Figure 5.2 - Operating in USB 2.0 scheme
5.12 DSPORT logic
DSPORT (downstream port) logic implements the control logic defined in section 11.5 of USB
specification Revision 2.0. It mainly manipulates the state machine, the connection/disconnection detection,
over current detection and power enable control, and the status LED control of the downstream port.
Besides, it also output the control signals to the DSPORT transceiver.
5.13 DSPORT Transceiver
DSPORT transceiver is the analog circuit that supports high-speed, full-speed, and low-speed electrical
characteristics defined in chapter 7 of USB specification Revision 2.0. In addition, each DSPORT
transceiver accurately controls its own squelch level to detect the detachment and attachment of devices.
5.2 Configuration and I/O Settings
5.2.1 RESET# Setting
GL852 integrates in the pull-up 1.5K
resister of the upstream port. When RESET# is enabled, the internal
1.5K
pull-up resister will be disconnected to the 3.3V power. To meet the requirement (p.141) of the USB
2.0 specification, pull-up resister should be disconnected while lacking of USB cable power (Vbus).
Therefore, we suggest designing the RESET# circuit as following figure to meet the requirement mentioned
above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com