Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL852 Datasheet(PDF) 25 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 25 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 21Page - GENESYS LOGIC GL852 Datasheet HTML 22Page - GENESYS LOGIC GL852 Datasheet HTML 23Page - GENESYS LOGIC GL852 Datasheet HTML 24Page - GENESYS LOGIC GL852 Datasheet HTML 25Page - GENESYS LOGIC GL852 Datasheet HTML 26Page - GENESYS LOGIC GL852 Datasheet HTML 27Page - GENESYS LOGIC GL852 Datasheet HTML 28Page - GENESYS LOGIC GL852 Datasheet HTML 29Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 25
RUP
Pad internal pull up resister
81K
103K
181K
Table 6.4 - DC Characteristics of USB Signals Under FS/LS Mode
Symbol
Parameter
Min.
Typ.
Max.
Unit
VOL
DPF/DMF static output LOW(RL of 1.5K to 3.6V )
0
-
0.3
V
VOH
DPF/DMF static output HIGH (RL of 15K to GND )
2.8
-
3.6
V
VDI
Differential input sensitivity
0.2
-
-
V
VCM
Differential common mode range
0.8
-
2.5
V
VSE
Single-ended receiver threshold
0.2
-
-
V
CIN
Transceiver capacitance
-
-
20
pF
ILO
Hi-Z state data line leakage
-10
-
+10
µA
ZDRV
Driver output resistance
28
-
43
Table 6.5 - DC Characteristics of USB Signals Under HS Mode
Symbol
Parameter
Min.
Typ.
Max.
Unit
VOL
DPH/DMH static output LOW(RL of 1.5K to 3.6V )
-
-
0.1
V
CIN
Transceiver capacitance
4
4.5
5
pF
ILO
Hi-Z state data line leakage
-5
0
+5
µA
ZDRV
Driver output resistance for USB 2.0 HS
48
45
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com