Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL830 Datasheet(PDF) 15 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 15 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 11Page - GENESYS LOGIC GL830 Datasheet HTML 12Page - GENESYS LOGIC GL830 Datasheet HTML 13Page - GENESYS LOGIC GL830 Datasheet HTML 14Page - GENESYS LOGIC GL830 Datasheet HTML 15Page - GENESYS LOGIC GL830 Datasheet HTML 16Page - GENESYS LOGIC GL830 Datasheet HTML 17Page - GENESYS LOGIC GL830 Datasheet HTML 18Page - GENESYS LOGIC GL830 Datasheet HTML 19Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 15
26
DD4
B
58
DIOR_
B
90
GND
P
122
ROM_A8
O
27
ROM_A2
O
59
T_ROM
I
91
VDD
P
123
ROM_A7
O
28
DD11
B
60
IORDY
B
92
X2
B
124
ROM_A9
O
29
ROM_A14
O
61
GPIO1
B
93
X1
I
125
ROM_A6
O
30
DD3
B
62
DMACK_
B
94
VDD
P
126
ROM_A10
O
31
ROM_A1
O
63
PHYRDY
O
95
GND
P
127
ARESET_
B
32
DD12
B
64
GPIO4
B
96
RTERM
A
128
SPDSEL
I
3.3 Pin Descriptions
Table 3.4 – 48 Pin Descriptions
USB Interface
Pin Name
Pin#
Type
Description
RREF
23
A
Reference resistor
DM
25
B
HS D-
DP
26
B
HS D+
AVDD
22,27
P
USB Analog 3.3V power
AGND
24,28
P
USB Analog Ground
SATA Interface
Pin Name
Pin#
Type
Description
RTERM
37
A
Reference resistor
PLLVDD
38
P
1.8V Power Supplies for internal PLL
PLLVSS
39
P
Ground for internal PLL
TXVSS
40
P
Ground for transceiver part
TXVDD
41
P
1.8V Power Supplies for transceiver part
TXP
42
O
SATA Differential Transmit TX+
TXN
43
O
SATA Differential Transmit TX-
RXN
44
I
SATA Differential Receive RX-
RXP
45
I
SATA Differential Receive RX+
RXVDD
46
P
1.8V Power Supplies for receiver part
RXVSS
47
P
Ground for receiver part
Digital Power and Ground
Pin Name
Pin#
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com