Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW5098BBLR Datasheet(PDF) 58 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 54Page - STMicroelectronics STW5098BBLR Datasheet HTML 55Page - STMicroelectronics STW5098BBLR Datasheet HTML 56Page - STMicroelectronics STW5098BBLR Datasheet HTML 57Page - STMicroelectronics STW5098BBLR Datasheet HTML 58Page - STMicroelectronics STW5098BBLR Datasheet HTML 59Page - STMicroelectronics STW5098BBLR Datasheet HTML 60Page - STMicroelectronics STW5098BBLR Datasheet HTML 61Page - STMicroelectronics STW5098BBLR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 85 page
background image
Timing specifications
STw5098
58/85
8
Timing specifications
Information included in this section is valid for both entities.
Unless otherwise specified, VCCIO = 1.71V to 2.7V, Tamb = -30°C to 85°C, max capacitive
load 20 pF; typical characteristics are specified at VCCIO = 2.4 V, Tamb = 25 °C; all signals
are referenced to GND, see Note below figure for timing definitions.
Figure 13.
A.C. testing input-output waveform
Note:
A signal is valid if it is above VIH or below VIL and invalid if it is between VIL and VIH. For the
purpose of this specification the following conditions apply (see Figure 13 above):
a) All input signal are defined as: VIL =0.2•VCCIO, VIH =0.8•VCCIO, tR < 10ns, tF < 10ns.
b) Delay times are measured from the inputs signal valid to the output signal valid.
c) Setup times are measured from the data input valid to the clock input invalid.
d) Hold times are measured from the clock signal valid to the data input invalid.
Note:
All timing specifications subject to change.
AC Testing: inputs are driven at 0.8
•VCCIO for a logic ‘1’ and 0.2•VCCIO for a logic ‘0’.
Timing measurements are made at 0.7
•VCCIO for a logic ‘1’ and 0.3•VCCIO for a logic ‘0’.
TEST POINTS
0.7²VCCIO
0.3²VCCIO
0.7²VCCIO
0.3²VCCIO
0.8²VCCIO
0.2²VCCIO
Input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com