Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW5098BBLR Datasheet(PDF) 78 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 74Page - STMicroelectronics STW5098BBLR Datasheet HTML 75Page - STMicroelectronics STW5098BBLR Datasheet HTML 76Page - STMicroelectronics STW5098BBLR Datasheet HTML 77Page - STMicroelectronics STW5098BBLR Datasheet HTML 78Page - STMicroelectronics STW5098BBLR Datasheet HTML 79Page - STMicroelectronics STW5098BBLR Datasheet HTML 80Page - STMicroelectronics STW5098BBLR Datasheet HTML 81Page - STMicroelectronics STW5098BBLR Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 85 page
background image
Package mechanical data
STw5098
78/85
18.1
LFBGA 6x6x1.4
Note:
1
LFBGA stands for Low Profile Fine Pitch Ball Grid Array.
- Low profile: the total profile height (DIm A) is measured from the seating plane to the top of
the component. The maximum total package height is calculated as follows:
. Fine pitch: e<1.0 mm pitch
2
The typical ball diameter before mounting is 0.30 mm
3
The tolerance of position that controls the location of the pattern of balls with respect to
datum A and B. For each ball there is a cylindrical tolerance zone eee perpendicular to
datum C and located on true position with respect to datum A and B as defined by e. The
axis perpendicular to datum C of each ball must lie within this tolerance zone.
4
The tolerance of position that controls the location of the balls within the matrix with respect
to each other. For each ball there is a cylindrical tolerance zone fff perpendicular to datum C
and located on true position as defined by e. The axis perpendicular to datum C of each ball
must lie within this tolerance zone. Each tolerance zone fff in the array is contained entirely
in the respective zone eee above.
The axis of each ball must lie simultaneously in both tolerance zones.
5
The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink
or metallized markings, or other feature of package body or integral heatslug. A
distinguishing feature is allowable on the bottom surface of the package to identify the
terminal A1 corner. Exact shape of each corner is optional.
Table 57.
Dimensions of LFBGA 6x6x1.4 112 4R11x11. 0.5
Reference
Databook (mm)
Drawing (mm)
Notes
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.40
1.26
Note 1
A1
0.15
0.16
0.21
0.26
A2
0.985
0.93
0.985
1.04
A3
0.20
0.16
0.20
0.24
A4
0.80
0.77
0.785
0.80
b
0.25
0.30
0.35
0.25
0.30
0.35
Note 2
D
5.85
6.00
6.15
5.90
6.00
6.10
D1
5.00
5.00
E
5.85
6.00
6.15
5.90
6.00
6.10
E1
5.00
5.00
e0.50
0.50
F0.50
0.50
ddd
0.08
0.08
eee
0.15
0.15
Note 4
fff
0.05
0.05
Note 5
A2Typ
A1Typ
A
( 1
2
A3
2
A4
2
+
+
tolerancevalues
)
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com