Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4348AIPWT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4348AIPWT
Description  1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4348AIPWT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA4348AIPWT Datasheet HTML 9Page - Texas Instruments OPA4348AIPWT Datasheet HTML 10Page - Texas Instruments OPA4348AIPWT Datasheet HTML 11Page - Texas Instruments OPA4348AIPWT Datasheet HTML 12Page - Texas Instruments OPA4348AIPWT Datasheet HTML 13Page - Texas Instruments OPA4348AIPWT Datasheet HTML 14Page - Texas Instruments OPA4348AIPWT Datasheet HTML 15Page - Texas Instruments OPA4348AIPWT Datasheet HTML 16Page - Texas Instruments OPA4348AIPWT Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
OPA348, 2348, 4348
13
SBOS213C
www.ti.com
PACKAGE DRAWINGS (Cont.)
MPDS099 – MARCH 2001
DCN (R-PDSO-G8)
PLASTIC SMALL-OUTLINE
C
4202106/A 03/01
3,00
2,80
3,00
2,60
1,50
1,75
Area
0,28
0,45
0
°–10°
0,09
0,20
1,30
0,90
0,10
0,60
Index
0,00
0,15
–A–
0,65
0,90
1,45
1,95 REF
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Foot length measured reference to flat foot surface
parallel to Datum A.
D. Package outline exclusive of mold flash, metal burr and
dambar protrusion/intrusion.
E. Package outline inclusive of solder plating.
F. A visual index feature must be located within the
cross-hatched area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com