Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4348AIPWT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4348AIPWT
Description  1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4348AIPWT Datasheet(HTML) 2 Page - Texas Instruments

  OPA4348AIPWT Datasheet HTML 1Page - Texas Instruments OPA4348AIPWT Datasheet HTML 2Page - Texas Instruments OPA4348AIPWT Datasheet HTML 3Page - Texas Instruments OPA4348AIPWT Datasheet HTML 4Page - Texas Instruments OPA4348AIPWT Datasheet HTML 5Page - Texas Instruments OPA4348AIPWT Datasheet HTML 6Page - Texas Instruments OPA4348AIPWT Datasheet HTML 7Page - Texas Instruments OPA4348AIPWT Datasheet HTML 8Page - Texas Instruments OPA4348AIPWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
OPA348, 2348, 4348
2
SBOS213C
www.ti.com
Supply Voltage, V– to V+ ................................................................... 7.5V
Signal Input Terminals, Voltage(2) .................. (V–) – 0.5V to (V+) + 0.5V
Current(2) .................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –65
°C to +150°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only. Functional opera-
tion of the device at these conditions, or beyond the specified operating
conditions, is not implied. (2) Input terminals are diode-clamped to the
power-supply rails. Input signals that can swing more than 0.5V beyond the
supply rails should be current-limited to 10mA or less. (3) Short-circuit to
ground, one amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER(2)
MEDIA, QUANTITY
Single
OPA348AI
SOT23-5
DBV
–40
°C to +125°C
A48
OPA348AIDBVT
Tape and Reel, 250
"
"""
"
OPA348AIDBVR
Tape and Reel, 3000
OPA348AI
SO-8
D
–40
°C to +125°C
348A
OPA348AID
Tubes, 100
"
"""
"
OPA348AIDR
Tape and Reel, 2500
OPA348AI
SC70-5
DCK
–40
°C to 125°C
S48
OPA348AIDCKT
Tape and Reel, 250
"
"""
"
OPA348AIDCKR
Tape and Reel, 3000
Dual
OPA2348AI
SOT23-8
DCN
–40
°C to +125°C
B48
OPA2348AIDCNT
Tape and Reel, 250
"
"""
"
OPA2348AIDCNR
Tape and Reel, 3000
OPA2348AI
SO-8
D
–40
°C to +125°C
2348A
OPA2348AID
Tubes, 100
"
"""
"
OPA2348AIDR
Tape and Reel, 2500
Quad
OPA4348AI
SO-14
D
–40
°C to +125°C
OPA4348
OPA4348AID
Tubes, 58
"
"""
"
OPA4348AIDR
Tape and Reel, 2500
OPA4348AI
TSSOP-14
PW
–40
°C to +125°C
4348A
OPA4348AIPWT
Tubes, 250
"
"""
"
OPA4348AIPWR
Tape and Reel, 2500
NOTES: (1) For the most current specifications and package information, refer to our web site at www.ti.com. (2) Models labeled with “T” indicate smaller quantity
tape and reel, “R” indicates large quantity tape and reel and “D” indicates tubes of specified quantity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com