Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2022ACDR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2022ACDR
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2022ACDR Datasheet(HTML) 37 Page - Texas Instruments

Back Button TLE2022ACDR Datasheet HTML 33Page - Texas Instruments TLE2022ACDR Datasheet HTML 34Page - Texas Instruments TLE2022ACDR Datasheet HTML 35Page - Texas Instruments TLE2022ACDR Datasheet HTML 36Page - Texas Instruments TLE2022ACDR Datasheet HTML 37Page - Texas Instruments TLE2022ACDR Datasheet HTML 38Page - Texas Instruments TLE2022ACDR Datasheet HTML 39Page - Texas Instruments TLE2022ACDR Datasheet HTML 40Page - Texas Instruments TLE2022ACDR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191C − FEBRUARY 1997 − REVISED APRIL 2007
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
−15
VIC − Common-Mode Input Voltage − V
−50
15
−10
−5
0
5
10
−20
−25
−30
−35
−40
−45
VCC ± = ±15 V
TA = 25°C
TLE2022
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
Figure 10
−15
VIC − Common-Mode Input Voltage − V
−60
15
−20
−10
−5
05
10
−30
−40
−50
VCC ± = ±15 V
TA = 25°C
TLE2024
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
Figure 11
−30
−25
−20
−15
−10
−5
100
75
50
25
0
−25
−50
0
125
−35
TA − Free-Air Temperature − °C
−75
TLE2021
INPUT BIAS CURRENT†
vs
FREE-AIR TEMPERATURE
VCC ± = ±15 V
VO = 0
VIC = 0
Figure 12
−75
TA − Free-Air Temperature − °C
−50
125
−50
−25
0
25
50
75
100
−20
−25
−30
−35
−40
−45
VCC ± = ±15 V
VO = 0
VIC = 0
TLE2022
INPUT BIAS CURRENT†
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com