Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2022ACDR Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2022ACDR
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2022ACDR Datasheet(HTML) 55 Page - Texas Instruments

Back Button TLE2022ACDR Datasheet HTML 51Page - Texas Instruments TLE2022ACDR Datasheet HTML 52Page - Texas Instruments TLE2022ACDR Datasheet HTML 53Page - Texas Instruments TLE2022ACDR Datasheet HTML 54Page - Texas Instruments TLE2022ACDR Datasheet HTML 55Page - Texas Instruments TLE2022ACDR Datasheet HTML 56Page - Texas Instruments TLE2022ACDR Datasheet HTML 57Page - Texas Instruments TLE2022ACDR Datasheet HTML 58Page - Texas Instruments TLE2022ACDR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191C − FEBRUARY 1997 − REVISED APRIL 2007
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
.SUBCKT TLE2021 1 2 3 4 5
*
c1
11
12 6.244E−12
c2
6
7
13.4E−12
c3
87
0
10.64E−9
cpsr
85
86 15.9E−9
dcm+ 81
82 dx
dcm− 83
81 dx
dc
5
53 dx
de
54
5
dx
dlp
90
91 dx
dln
92
90 dx
dp
4
3
dx
ecmr
84
99 (2 99) 1
egnd
99
0
poly(2) (3,0) (4,0) 0 .5 .5
epsr
85
0
poly(1) (3,4) −60E−6 2.0E−6
ense
89
2
poly(1) (88,0) 120E−6 1
fb
7
99 poly(6) vb vc ve vlp vln vpsr 0 547.3E6
+ −50E7 50E7 50E7 −50E7 547E6
ga
6
0
11 12 188.5E−6
gcm
0
6
10 99 335.2E−12
gpsr
85
86 (85,86) 100E−6
grc1
4
11 (4,11) 1.885E−4
grc2
4
12 (4,12) 1.885E−4
gre1
13
10 (13,10) 6.82E−4
gre2
14
10 (14,10) 6.82E−4
hlim
90
0
vlim 1k
hcmr 80
1
poly(2) vcm+ vcm− 0 1E2 1E2
irp
3
4
185E−6
iee
3
10 dc 15.67E−6
iio
2
0
2E−9
i1
88
0
1E−21
q1
11
89 13 qx
q2
12
80 14 qx
R2
6
9
100.0E3
rcm
84
81 1K
ree
10
99 14.76E6
rn1
87
0
2.55E8
rn2
87
88 11.67E3
ro1
8
5
62
ro2
7
99 63
vcm+ 82
99 13.3
vcm− 83
99 −14.6
vb
9
0
dc 0
vc
3
53 dc 1.300
ve
54
4
dc 1.500
vlim
7
8
dc 0
vlp
91
0
dc 3.600
vln
0
92 dc 3.600
vpsr
0
86 dc 0
.model dx d(is=800.0E−18)
.model qx pnp(is=800.0E−18 bf=270)
.ends
Figure 74. Boyle Macromodel for the TLE2021
.SUBCKT TLE2022
1 2 3 4 5
*
c1
11
12 6.814E−12
c2
6
7
20.00E−12
dc
5
53 dx
de
54
5 dx
dlp
90
91 dx
dln
92
90 dx
dp
4
3 dx
egnd 99
0
poly(2) (3,0) (4,0) 0 .5 .5
fb
7
99 poly(5) vb vc ve vlp vln 0
+ 45.47E6 −50E6 50E6 50E6 −50E6
ga 6
0
11 12 377.9E−6
gcm 0 6
10 99 7.84E−10
iee
3
10 DC 18.07E−6
hlim 90
0 vlim 1k
q1
11
2 13 qx
q2
12
1 14 qx
r2
6
9 100.0E3
rc1
4
11 2.842E3
rc2
4
12 2.842E3
ge1
13
10 (10,13) 31.299E−3
ge2
14
10 (10,14) 31.299E−3
ree
10
99 11.07E6
ro1
8
5 250
ro2
7
99 250
rp
3
4 137.2E3
vb
9
0 dc 0
vc
3
53 dc 1.300
ve
54
4 dc 1.500
vlim 7
8 dc 0
vlp
91
0 dc 3
vln
0
92 dc 3
.model dx
d(is=800.0E−18)
.model qx
pnp(is=800.0E−18 bf=257.1)
.ends
Figure 75. Boyle Macromodel for the TLE2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com