Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M93C46-WDW6G/S Datasheet(PDF) 20 Page - STMicroelectronics

Part # M93C46-WDW6G/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46-WDW6G/S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M93C46-WDW6G/S Datasheet HTML 16Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 17Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 18Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 19Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 20Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 21Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 22Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 23Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Maximum rating
M93C86, M93C76, M93C66, M93C56, M93C46
20/38
10
Maximum rating
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 8.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
–40
130
°C
TSTG
Storage temperature
–65
150
°C
TLEAD
PDIP-specific lead temperature during soldering
260(1)
1.
TLEADmax must not be applied for more than 10 s.
°C
VOUT
Output range (Q = VOH or Hi-Z)
–0.50
VCC+0.5
V
VIN
Input range
–0.50
VCC+1
V
VCC
Supply voltage
–0.50
6.5
V
VESD
Electrostatic discharge voltage (human body
model)(2)
2.
JEDEC Std JESD22-A114A (C1=100 pF, R1=1500
Ω, R2=500 Ω).
–4000
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com