Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M93C46-WDW6G/S Datasheet(PDF) 31 Page - STMicroelectronics

Part # M93C46-WDW6G/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46-WDW6G/S Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M93C46-WDW6G/S Datasheet HTML 27Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 28Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 29Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 30Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 31Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 32Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 33Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 34Page - STMicroelectronics M93C46-WDW6G/S Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Package mechanical
31/38
Figure 14.
UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead
2 x 3 mm, outline
1.
Drawing is not to scale.
2.
The central pad (the area E2 by D2 in the above illustration) is pulled, internally, to VSS. It must not be
allowed to be connected to any other voltage or signal line on the PCB, for example during the soldering
process.
Table 26.
UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead
2x3 mm, data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
0.55
0.50
0.60
0.022
0.020
0.024
A1
0.02
0.00
0.05
0.001
0.000
0.002
b
0.25
0.20
0.30
0.010
0.008
0.012
D
2.00
1.90
2.10
0.079
0.075
0.083
D2
1.60
1.50
1.70
0.063
0.059
0.067
ddd
0.08
0.003
E
3.00
2.90
3.10
0.118
0.114
0.122
E2
0.20
0.10
0.30
0.008
0.004
0.012
e0.50–
–
0.020
–
–
L
0.45
0.40
0.50
0.018
0.016
0.020
L1
0.15
0.006
L3
0.30
0.012
D
E
UFDFPN-01
A
A1
ddd
L1
e
b
D2
L
E2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com