Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR710FZ1T6 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STR710FZ1T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710FZ1T6 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STR710FZ1T6 Datasheet HTML 69Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 70Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 71Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 72Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 73Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 74Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 75Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 76Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
Order codes
STR71xF
74/77
8
Order codes
Table 41.
Order codes
Partnumber
FLASH
Kbytes
RAM
Kbyte
s
EMI
USB
CAN
I/O
Ports
Package
Temp.
Range
STR710FZ1T6
128+16
32
Yes
Yes
Yes
48
LQFP144 20 x 20
-40 to
+85°C
STR710FZ2T6
256+16
64
STR710RZT6
0
64
STR710FZ1H6
128+16
32
Yes
Yes
Yes
48
LFBGA144 10 x 10
1.7
STR710FZ2H6
256+16
64
STR710RZH6
0
64
STR711FR0H6
64+16
16
No
Yes
No
30
LFBGA64 8 x 8 1.7
STR711FR1H6
128+16
32
STR711FR2H6
256+16
64
STR711FR0T6
64+16
16
LQFP64 10x10
STR711FR1T6
128+16
32
STR711FR2T6
256+16
64
STR712FR0H6
64+16
16
No
Yes
32
LFBGA64 8 x 8 1.7
STR712FR1H6
128+16
32
STR712FR2H6
256+16
64
STR712FR0T6
64+16
16
LQFP64 10 x10
STR712FR1T6
128+16
32
STR712FR2T6
256+16
64
STR715FR0H6
64+16
16
No
LFBGA64 8 x 8 1.7
STR715FR0T1
64+16
16
LQFP64 10 x 10
0 to
70°C
STR715FR0T6
64+16
16
-40 to
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com