Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR710FZ1T6 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STR710FZ1T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710FZ1T6 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STR710FZ1T6 Datasheet HTML 69Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 70Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 71Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 72Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 73Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 74Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 75Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 76Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
STR71xF
Revision history
75/77
9
Revision history
Table 42.
Document revision history
Date
Revision
Changes
17-Mar-2004
1
First Release
05-Apr-2004
2
Updated “Electrical parameters” on page 33
08-Apr-2004
2.1
Corrected STR712F Pinout. Pins 43/42 swapped.
15-Apr-2004
2.2
PDF hyperlinks corrected.
7-Jul-2004
3
Corrected description of STDBY, V18, VSS18 V18BKP
VSSBKP pins
Added IDDrun typical data
Updated BSPI max. baudrate.
Updated “EMI - External Memory Interface” on page 56
29-Oct-2004
4
Corrected Flash sector B1F0/F1 address in Figure 6: Memory
map on page 30
Corrected Table 6 on page 24 LQFP64 TEST pin is 16 instead
of 17. Added to TQPFP64 column: pin 7 BOOTEN, pin 17
V33IO-PLL
Changed description of JTCK from ‘External pull-down
required’ to ‘External pull-up or pull down required’.
25-Jan-2005
5
Changed “Product Preview” to “Preliminary Data” on page 1
and 3
Renamed ‘PU/PD’ column to ‘Reset state’ in Table 6 on
page 24
Added reference to STR7 Flash Programming Reference
Manual
19-Apr-2005
6
Added STR715F devices and modified RAM size of STR71xF1
devices
Added BGA package in Section 6
Updated ordering information in Section 8.
Added PLL duty cycle min and max. in PLL electrical
characteristics on page 44
13-Oct-2005
7
Updated feature description on page 1
Update overview Section 1.1
Added OD/PP to P0.12 in Table 6
Changed name of WFI mode to WAIT mode
Changed Memory Map Table 6: Ext. Memory changed to 64 MB
and flash register changed to 36 bytes.
Added Power Consumption Table 14
Modified BGA144 F3, F5, F12 and G12 in Table 2 and Table 3
Update EMI Timing Table 25 and Figure 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com