Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN897 Datasheet(PDF) 3 Page - Microchip Technology

Part # AN897
Description  Thermistor Temperature Sensing with MCP6SX2 PGAs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN897 Datasheet(HTML) 3 Page - Microchip Technology

  AN897 Datasheet HTML 1Page - Microchip Technology AN897 Datasheet HTML 2Page - Microchip Technology AN897 Datasheet HTML 3Page - Microchip Technology AN897 Datasheet HTML 4Page - Microchip Technology AN897 Datasheet HTML 5Page - Microchip Technology AN897 Datasheet HTML 6Page - Microchip Technology AN897 Datasheet HTML 7Page - Microchip Technology AN897 Datasheet HTML 8Page - Microchip Technology AN897 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2004 Microchip Technology Inc.
DS00897B-page 3
AN897
FIGURE 6:
ADC’s Temperature
Resolution.
FIGURE 7:
Analog Circuit Errors.
Digital Design
The
PIC16F684
microcontroller
(discussed
in
Appendix A.2.5 “Signal Analysis PICtail Daughter
Board”) handles several important tasks. It communi-
cates with the PGA to set its input channel, can aver-
age the measured signal to reduce noise and converts
the result into the temperature at the thermistor using a
piece-wise linear interpolation table. The microcontrol-
ler can either have a SPI™ port built in or the SPI
interface can be implemented in software on the
microcontroller [7].
FLOWCHART
The flowchart in Figure 8 shows the program flow for
the
first
design.
The
firmware
is
available
in
00897.zip
file in the Design 1 directory. The firmware
was written in relocatable assembly code. main.asm
controls the overall program flow. The PGA routines
are in pga.inc and pga.asm. The thermistor routines
are
located
in
Therm_PGA1.inc
and
Therm_PGA1.asm
.
The Signal Analysis PC Program commands the
PIC16F684 firmware to perform a real-time sample.
The firmware reads the ADC value and passes it to the
Piece-wise Linear Interpolation (PwLI) routine. The
PwLI
routine converts the 10-bit ADC value into a 16-bit
fixed decimal point degrees Celsius value. The fixed
decimal point format reports degrees Celsius in tenths
of a degree. Performing the piece-wise linear interpola-
tion in tenths of a degree provides better resolution of
degrees Celsius. Finally, the 16-bit degrees Celsius
value is sent to the Signal Analysis PC Program for
display on the real-time strip chart graph.
In the final design, the designer can elect to report in
tenths of a degree or round up in whole degrees.
FIGURE 8:
Flowchart for First Design.
PIECE-WISE LINEAR INTERPOLATION TABLE
A piece-wise linear interpolation table [9] is used to
convert ADC codes to estimated temperature. The
ADC’s codes were divided into 64 segments, with 16
codes per segment. The codes in the table are at end
points between segments. Table 1 shows the end
points chosen for this design.
TABLE 1:
INTERPOLATION TABLE END
POINTS.
Values given for RTH, when the temperature is outside
the thermistor’s specified range (-40°C to +150°C), are
estimates only; they are not supported by actual data.
The thermistor self-heating error correction has been
included in Table 1.
The table’s entries go outside of the -40°C to +150°C
range to ensure proper functioning of the piece-wise
linear interpolation table when the reading overflows. In
this algorithm (Appendix A.2.6 “Firmware for the
Signal Analysis PICtail Daughter Board”), the table
values outside the valid range take on the nearest valid
value. This means that when ADC code > 1008, the
table returns a value of -49.3°C. When ADC code < 16,
the table returns a value of 156.1°C.
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
-50
-25
0
25
50
75
100
125
150
Thermistor Temperature (°C)
10-bit ADC
DC Error
≤ 3.5 LSb
Design # 1
G = +1
RA = 10 kΩ
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
150
Thermistor Temperature (°C)
ADC Error
RA Error
PGA Error
Design # 1
G = +1
RA = 10 k
Gain
(V/V)
ADC Code
(LSb)
TTH
(°C)
RTH
(
Ω)
VOUT
(V)
1
1008
-49.4
630 k
4.922
16
156.1
159
0.078
Start
Read ADC
Perform PwLI
Send Temperature in
°C to Strip Chart
End
Get Real Time Sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com