Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN897 Datasheet(PDF) 2 Page - Microchip Technology

Part # AN897
Description  Thermistor Temperature Sensing with MCP6SX2 PGAs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN897 Datasheet(HTML) 2 Page - Microchip Technology

  AN897 Datasheet HTML 1Page - Microchip Technology AN897 Datasheet HTML 2Page - Microchip Technology AN897 Datasheet HTML 3Page - Microchip Technology AN897 Datasheet HTML 4Page - Microchip Technology AN897 Datasheet HTML 5Page - Microchip Technology AN897 Datasheet HTML 6Page - Microchip Technology AN897 Datasheet HTML 7Page - Microchip Technology AN897 Datasheet HTML 8Page - Microchip Technology AN897 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AN897
DS00897B-page 2
 2004 Microchip Technology Inc.
FIGURE 3:
Thermistor PGA Circuit.
The ADC’s voltage reference is powered from the
same voltage as the voltage divider, giving a ratiometric
circuit; errors in VDD will be automatically corrected at
the ADC.
FIRST DESIGN
This design emphasizes simplicity and uses a standard
approach to designing the thermistor circuit. The
traditional op amp is replaced with a PGA so that it can
multiplex multiple inputs.
Analog Design
The first design keeps the PGA at a gain of +1 V/V for
design simplicity. The resistor RA is set to its nominal
+25°C value (10.0 k
Ω) for best performance at room
temperature; this is a very common design choice.
While this is a simpler design, its accuracy is relatively
low, as will be seen. Notice that Figure 4 shows a much
more linear response than Figure 1.
FIGURE 4:
Voltage Divider and PGA
Outputs.
Temperatures between +125°C and +150°C can be
included in the design for overtemperature indication
where accuracy is not as important.
The thermistor power dissipation causes a self-heating
temperature error. Calculating the thermistor’s power
dissipation across temperature, and then dividing by
the specified 2.2 mW/°C thermal dissipation factor,
gives the self-heating temperature error shown in
Figure 5. This is a small, consistent error. It is simple to
adjust for this error using the piece-wise linear
interpolation table in firmware.
FIGURE 5:
Thermistor Self-heating
Error.
Analog Error Analysis
Figure 6 displays the ADC’s temperature resolution,
while Figure 7 shows the expected worst-case analog
circuit
errors.
Both
plots
are
based
on
these
assumptions:
• ADC’s DC Error
≤ ±3.5 LSb
• PGA’s gain error
≤ ±0.1% (G = +1)
• PGA’s input offset error
≤ ±1 mV (including PSRR
and temperature drift)
• Specified thermistor accuracy
This design achieves an ADC temperature resolution of
0.25°C over the -25°C to +73°C temperature range.
The analog circuit accuracy is better than 1.2°C over
the same range. Other temperature ranges will have
different resolutions and accuracies.
RA
RTH
10 k
Ω
VDD = 5.0V
RB
CB
VDD
10-bit
VIN
VREF
PIC16F684
CH0
3
SPI™ Bus
ADC
Firmware
MCP6SX2
PGA
VOUT
100 k
Ω
1µF
VDIV
VDD
CH1
VREF
Other Input
1%
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
150
Thermistor Temperature (°C)
Design # 1
G = +1
RA = 10 k
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-50
-25
0
25
50
75
100
125
150
Thermistor Temperature (°C)
Design # 1
G = +1
RA = 10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com