Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T512341HKP Datasheet(PDF) 27 Page - Qimonda AG

Part # HYS72T512341HKP
Description  240-Pin Registered DDR2 SDRAM Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T512341HKP Datasheet(HTML) 27 Page - Qimonda AG

Back Button HYS72T512341HKP Datasheet HTML 23Page - Qimonda AG HYS72T512341HKP Datasheet HTML 24Page - Qimonda AG HYS72T512341HKP Datasheet HTML 25Page - Qimonda AG HYS72T512341HKP Datasheet HTML 26Page - Qimonda AG HYS72T512341HKP Datasheet HTML 27Page - Qimonda AG HYS72T512341HKP Datasheet HTML 28Page - Qimonda AG HYS72T512341HKP Datasheet HTML 29Page - Qimonda AG HYS72T512341HKP Datasheet HTML 30Page - Qimonda AG HYS72T512341HKP Datasheet HTML 31Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Internet Data Sheet
Rev. 1.0, 2006-12
27
11032006-VX0M-M6IH
HYS72T512341H[H/J/K]P-[3.7/5]-B
Registered DDR2 SDRAM Modules
76
Product Type, Char 4
35
35
35
77
Product Type, Char 5
31
31
31
78
Product Type, Char 6
32
32
32
79
Product Type, Char 7
33
33
33
80
Product Type, Char 8
34
34
34
81
Product Type, Char 9
31
31
31
82
Product Type, Char 10
48
48
48
83
Product Type, Char 11
48
4A
4B
84
Product Type, Char 12
50
50
50
85
Product Type, Char 13
35
35
35
86
Product Type, Char 14
42
42
42
87
Product Type, Char 15
20
20
20
88
Product Type, Char 16
20
20
20
89
Product Type, Char 17
20
20
20
90
Product Type, Char 18
20
20
20
91
Module Revision Code
2x
0x
0x
92
Test Program Revision Code
xx
xx
xx
93
Module Manufacturing Date Year
xx
xx
xx
94
Module Manufacturing Date Week
xx
xx
xx
95 - 98
Module Serial Number
xx
xx
xx
99 - 127 Not used
00
00
00
128 -
255
Blank for customer use
FF
FF
FF
Product Type
Organization
4 GByte
4 GByte
4 GByte
×72
×72
×72
4 Ranks (
×4)
4 Ranks (
×4)
4 Ranks (
×4)
Label Code
PC2–3200P–333
PC2–3200P–333
PC2–3200P–333
JEDEC SPD Revision
Rev. 1.2
Rev. 1.2
Rev. 1.2
Byte#
Description
HEX
HEX
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com