Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL306LR Datasheet(PDF) 13 Page - ON Semiconductor

Part # FSL306LR
Description  Green Mode Buck Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL306LR Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FSL306LR Datasheet HTML 8Page - ON Semiconductor FSL306LR Datasheet HTML 9Page - ON Semiconductor FSL306LR Datasheet HTML 10Page - ON Semiconductor FSL306LR Datasheet HTML 11Page - ON Semiconductor FSL306LR Datasheet HTML 12Page - ON Semiconductor FSL306LR Datasheet HTML 13Page - ON Semiconductor FSL306LR Datasheet HTML 14Page - ON Semiconductor FSL306LR Datasheet HTML 15Page - ON Semiconductor FSL306LR Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
FSL306LR
www.onsemi.com
13
ORDERING INFORMATION
Part Number
Operating
Junction
Temperature
PKG
Packing
Method†
Typical Output Power (Note 8)
Current
Limit
RDS(ON),MAX
85 VAC~265 VAC & Open Frame (Note 9)
Buck Application
(Note 10)
Flyback
Application
FSL306LRN
−40
°C~125°C
7−DIP
Rail
0.45 A
184
W
3 W
7 W
FSL306LRLX
7−LSOP
Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
8. The junction temperature can limit the maximum output power.
9. Maximum practical continuous power in an open−frame design at 50
°C ambient.
10. Based on 15 V output voltage condition. Output voltage can limit the maximum output power.
SENSEFET is registered trademark of Semiconductor Components Industries, LLC dba “onsemi” or its affiliates and/or subsidiaries in the United States
and/or other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com