Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL306LR Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSL306LR
Description  Green Mode Buck Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL306LR Datasheet(HTML) 2 Page - ON Semiconductor

  FSL306LR Datasheet HTML 1Page - ON Semiconductor FSL306LR Datasheet HTML 2Page - ON Semiconductor FSL306LR Datasheet HTML 3Page - ON Semiconductor FSL306LR Datasheet HTML 4Page - ON Semiconductor FSL306LR Datasheet HTML 5Page - ON Semiconductor FSL306LR Datasheet HTML 6Page - ON Semiconductor FSL306LR Datasheet HTML 7Page - ON Semiconductor FSL306LR Datasheet HTML 8Page - ON Semiconductor FSL306LR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FSL306LR
www.onsemi.com
2
APPLICATION DIAGRAMS
Figure 1. Buck Converter Application
Figure 2. Non−Isolation Flyback Converter
Application
GND
VCC
VCOMP
ILIMIT
VFB
HV−DC
INPUT
Drain
DC
OUT
+
_
+
_
HV−DC
INPUT
DC
OUT
Drain
BLOCK DIAGRAM
2
6, 7
1
4
S
Q
Q
R
OSC
TSD
VCC
Drain
VFB
GND
Gate
Driver
5
LEB
VREF
RSENSE
VCOMP
Transconductance
Amplifier
Green−
Mode
Controller
40 ms
Delay
PWM
Soft−
Start
R
3
ILIMIT
3R
650 ms
Protection
Timing Control
VCC
VOVP
VFB
VOLP
VFB_OLP
VBIAS
IPK
VBURH/VBURL
VSTART
/ VSTOP
VBIAS
10 V HVREG
Internal
Bias
VCC Good
Figure 3. Internal Block Diagram
VSENSE
LEB
VSENSE
VAOCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com