Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL336LR Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSL336LR
Description  Green Mode onsemi Buck
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL336LR Datasheet(HTML) 3 Page - ON Semiconductor

  FSL336LR Datasheet HTML 1Page - ON Semiconductor FSL336LR Datasheet HTML 2Page - ON Semiconductor FSL336LR Datasheet HTML 3Page - ON Semiconductor FSL336LR Datasheet HTML 4Page - ON Semiconductor FSL336LR Datasheet HTML 5Page - ON Semiconductor FSL336LR Datasheet HTML 6Page - ON Semiconductor FSL336LR Datasheet HTML 7Page - ON Semiconductor FSL336LR Datasheet HTML 8Page - ON Semiconductor FSL336LR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FSL336LR
www.onsemi.com
3
PIN CONFIGURATION
GND
VCC
VCOMP
ILIMIT
VFB
Drain
7DIP
7LSOP
Figure 4. Pin Configuration
Drain
PIN DEFINITIONS
Pin #
Name
Description
1
GND
Ground. SENSEFET source terminal on the primary side and internal control ground.
2
VCC
Positive Supply Voltage Input. This pin is the positive supply input that provides the internal operating current for startup
and steady−state operation. This pin voltage is regulated to 10 V, without the external bias circuit, via an internal 10−V
HVREG (see Figure 3). When the external bias voltage is >10 V, it disables the internal high−voltage regulator to re-
duce power consumption.
3
ILIMIT
Peak Current Limit. Adjusts the peak current limit of the SENSEFET. The internal 50
mA current source is diverted to
the parallel combination of an internal 46 k
W (3R + R) resistor and any external resistor to GND on this pin to determine
the peak current limit.
4
VFB
Feedback Voltage. Inverting input of the transconductance amplifier. This pin controls the converter output voltage by
outputting a VCOMP−pin current proportional to the difference between the reference voltage and the output voltage
divided by external resistor divider.
5
VCOMP
Comp Voltage. Output of the transconductance amplifier. The compensation networks are placed between the VCOMP
and GND pins to achieve stability and good dynamic performance.
6, 7
Drain
Drain. High−voltage power SENSEFET drain connection. In addition, during startup and steady−state operation; the
internal high−voltage current source supplies internal bias and charges the external capacitor connected to the VCC pin.
Once VCC reaches 8 V, all internal blocks are activated. The internal high−voltage current source is enabled until VCC
reaches 10 V. After that, the internal high−voltage regulator turns on and off regularly to maintain VCC at 10 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com