Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA240 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA240
Description  Sirius SDARS channel, service & source decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA240 Datasheet(HTML) 3 Page - STMicroelectronics

  STA240 Datasheet HTML 1Page - STMicroelectronics STA240 Datasheet HTML 2Page - STMicroelectronics STA240 Datasheet HTML 3Page - STMicroelectronics STA240 Datasheet HTML 4Page - STMicroelectronics STA240 Datasheet HTML 5Page - STMicroelectronics STA240 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STA240
Electrical specifications
3/6
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
1.2V Power supply voltage
-0.5 to 2
V
VDDIO
3.3V Power supply voltage
-0.5 to 4
V
AD_VDD
1.2V Power supply voltage
-0.5 to 2
V
AD_VDD3
3.3V Power supply voltage
-0.5 to 4
V
APLL_VDD
1.2V Power supply voltage
-0.5 to 2
V
Vi
Voltage on input pin
-0.5 to (VDDIO + 0.5)
V
Vo
Voltage on output pin
-0.5 to (VDDIO + 0.5)
V
Tstg
Storage temperature
-55 to +150
°C
Top
Operative ambient temperature
-40 to +85
°C
Tj
Operative junction temperature
-40 to +125
°C
Table 3.
Thermal Data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction to case
10
°C/W
Rth j-amb
Thermal resistance junction to ambient (1)
1.
According to JEDEC specification on a 4 layers board
31
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com