Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA240 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA240
Description  Sirius SDARS channel, service & source decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA240 Datasheet(HTML) 4 Page - STMicroelectronics

  STA240 Datasheet HTML 1Page - STMicroelectronics STA240 Datasheet HTML 2Page - STMicroelectronics STA240 Datasheet HTML 3Page - STMicroelectronics STA240 Datasheet HTML 4Page - STMicroelectronics STA240 Datasheet HTML 5Page - STMicroelectronics STA240 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Package information
STA240
4/6
3
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 2.
LBGA 288 mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
Ref.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.700
0.0669
A1
0.270
0.0106
A2
1.085
0.0427
A3
0.300
0.0118
A4
0.800
0.0315
b
0.450
0.500
0.550 0.0177 0.0197 0.0217
D
18.800 19.000 19.200 0.7402 0.7480 0.7559
D1
17.000
0.6693
e
1.000
0.0394
E
18.800 19.000 19.200 0.7402 0.7480 0.7559
E1
17.000
0.6693
F
1.000
0.0394
ddd
0.200
0.0079
eee
0.250
0.0098
fff
0.100
0.0039
LBGA288 (19x19x1.70)
Low Profile Ball Grid Array
7131786 C
Bottom view



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com