Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4435 Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4435
Description  P-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4435 Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4435 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4435 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4435 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4435 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4435 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4435
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
600
1200
1800
2400
0
5
10
15
20
25
30
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
0
2
4
6
8
10
0
10203040
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0
10203040
50
VDS − Drain-to-Source Voltage (V)
Coss
Ciss
VDS = 15 V
ID = 9.1 A
ID − Drain Current (A)
VGS = 10 V
ID = 9.1 A
VGS = 4.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.00
0.02
0.04
0.06
0.08
0.10
0
2468
10
TJ = 150_C
ID = 9.1 A
50
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
TJ = 25_C
Crss
VGS = 10 V
Shenzhen Tuofeng Semiconductor Technology Co., Ltd



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com