Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN812RG Datasheet(PDF) 15 Page - STMicroelectronics

Part # TYN812RG
Description  Standard 12 A SCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN812RG Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TYN812RG Datasheet HTML 9Page - STMicroelectronics TYN812RG Datasheet HTML 10Page - STMicroelectronics TYN812RG Datasheet HTML 11Page - STMicroelectronics TYN812RG Datasheet HTML 12Page - STMicroelectronics TYN812RG Datasheet HTML 13Page - STMicroelectronics TYN812RG Datasheet HTML 14Page - STMicroelectronics TYN812RG Datasheet HTML 15Page - STMicroelectronics TYN812RG Datasheet HTML 16Page - STMicroelectronics TYN812RG Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DocID7475 Rev 11
15/17
TN1215, TYN612, TYN812, TYN1012
Ordering information
17
Table 9. Ordering information
Order code
Voltage VDRM / VRRM (v)
IGT (mA)
Package
Weight
(g)
Base qty.
(pc)
Delivery mode
600
800
1000
TYN1012RG
x
15
TO-220AB
2.3
50
Tube
TYN1012TRG
x
5
TO-220AB
2.3
50
Tube
TYN612RG
x
15
TO-220AB
2.3
50
Tube
TYN612TRG
x
5
TO-220AB
2.3
50
Tube
TYN812RG
x
15
TO-220AB
2.3
50
Tube
TYN812TRG
x
5
TO-220AB
2.3
50
Tube
TN1215-600B
x
15
DPAK
0.3
75
Tube
TN1215-600B-TR
x
15
DPAK
0.3
2500
Tape and reel
TN1215-600G
x
15
D2PAK
1.5
50
Tube
TN1215-600G-TR
x
15
D2PAK
1.5
1000
Tape and reel
TN1215-600H
x
15
IPAK
0.3
75
Tube
TN1215-800B-TR
x
15
DPAK
0.3
2500
Tape and reel
TN1215-800G-TR
x
15
D2PAK
1.5
1000
Tape and reel
TN1215-800H
x
15
IPAK
0.3
75
Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com