Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN812RG Datasheet(PDF) 16 Page - STMicroelectronics

Part # TYN812RG
Description  Standard 12 A SCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN812RG Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TYN812RG Datasheet HTML 9Page - STMicroelectronics TYN812RG Datasheet HTML 10Page - STMicroelectronics TYN812RG Datasheet HTML 11Page - STMicroelectronics TYN812RG Datasheet HTML 12Page - STMicroelectronics TYN812RG Datasheet HTML 13Page - STMicroelectronics TYN812RG Datasheet HTML 14Page - STMicroelectronics TYN812RG Datasheet HTML 15Page - STMicroelectronics TYN812RG Datasheet HTML 16Page - STMicroelectronics TYN812RG Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
TN1215, TYN612, TYN812, TYN1012
16/17
DocID7475 Rev 11
4
Revision history
Table 10. Document revision history
Date
Revision
Changes
Sep-2000
3
Last update.
25-Mar-2005
4
TO-220AB delivery mode changed from bulk to tube.
14-Oct-2005
5
Changed sensitivity values in Table 1 for TYNx12 (30 to
15 mA) and TYNx12T (15 to 5 mA). Added ECOPACK
statement.
08-Mar-2007
6
Reformatted to current standard.
Figure 17: TN1215 series product name corrected.
Figure 23: TS1220 series product name corrected.
23-Oct-2009
7
Added TS1220-xxxT device.
03-Jun-2014
8
Updated DPAK and IPAK package information and
reformatted to current standard.
25-Feb-2015
9
The part number TS1220 series has been moved to a
separate document.Removed TO-220AB insulated
package information.
29-Jul-2015
10
Updated Figure 11.
05-Oct-2016
11
Updated Section 2: Package information.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com